Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJSSE-5381-02 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RJSSE-5381-02
Description  RJHSE Series RJ45
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RJSSE-5381-02 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RJSSE-5381-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers RJSSE-5381-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers RJSSE-5381-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers RJSSE-5381-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers RJSSE-5381-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers RJSSE-5381-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers RJSSE-5381-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
63
Specifications:
Contact Resistance: 20 milliohms maximum
Insulation Resistance: 500 Megohms minimum
Current Rating: 1,5 Amps
Voltage Rating: 125 Volts AC
Materials:
Contacts: Phosphor Bronze; Gold over 30µ inches
(0.76 microns) over Nickel
Insert: Thermoplastic Polyester (complies with UL 94V-0)
Shield: Copper Alloy Nickel Plated
Filter: High Impedance, High Resistivity, Ferrite Block
FRJAE
Part Numbers:
Part number
options
FRJAE-408
Non filtered, non shielded
FRJAE-418
Filtered with front tab shield
FRJAE-438
Shield (front tab)
FRJAE-468
Filtered with rear tab shield
FRJAE-488
Shielded (rear tab)


Similar Part No. - RJSSE-5381-02

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJSSE AMPHENOL-RJSSE Datasheet
219Kb / 2P
   Network servers
logo
Amphenol Communications...
RJSSE AMPHENOLCS-RJSSE Datasheet
656Kb / 3P
   Product Specification S6036C Rev 1.2
MAR 28, 2019
logo
Amphenol Corporation
RJSSE5080 AMPHENOL-RJSSE5080 Datasheet
3Mb / 5P
   Modular jacks available in RJ45 & RJ11 styles
RJSSE508002 AMPHENOL-RJSSE508002 Datasheet
3Mb / 5P
   Modular jacks available in RJ45 & RJ11 styles
RJSSE508004 AMPHENOL-RJSSE508004 Datasheet
3Mb / 5P
   Modular jacks available in RJ45 & RJ11 styles
More results

Similar Description - RJSSE-5381-02

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJHSE538503 AMPHENOL-RJHSE538503 Datasheet
73Kb / 1P
   RJHSE SERIES, THREE PORT MODULAR JACK, 8 POSITIONS 8 CONTACTS PER PORT, SHIELDED, WITH LEDs - RoHS COMPLIANT
logo
Switchcraft, Inc.
EHRJ45P5E SWITCH-EHRJ45P5E Datasheet
166Kb / 1P
   EH SERIES RJ45. RoHS
EHRJ45P SWITCH-EHRJ45P Datasheet
152Kb / 1P
   EH SERIES RJ45 ADAPTER, RoHS
NHRJ45D SWITCH-NHRJ45D Datasheet
236Kb / 1P
   NH SERIES RJ45 ADAPTER, RoHS
Rev. A
logo
Alpha Wire
QR04QR117-TL356 ALPHAWIRE-QR04QR117-TL356 Datasheet
120Kb / 2P
   RJ45 Male to RJ45 Male
QR04QR118 ALPHAWIRE-QR04QR118 Datasheet
123Kb / 2P
   RJ45 Male to RJ45 Male
QR04QR117 ALPHAWIRE-QR04QR117 Datasheet
120Kb / 2P
   RJ45 Male to RJ45 Male
logo
Switchcraft, Inc.
NHRJ45D_IDC SWITCH-NHRJ45D_IDC Datasheet
171Kb / 1P
   NH SERIES RJ45 RA IDC, RoHS
Rev. A
logo
PHOENIX CONTACT
1652156 PHOENIX-1652156 Datasheet
96Kb / 3P
   Adapter plate - VS-ADP16-RJ45/RJ45
1402420 PHOENIX-1402420 Datasheet
68Kb / 4P
   RJ45 connector - VS-08-RJ45-Q
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com