Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULC33CP8 Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # ULC33CP8
Description  Lightning & ESD Protection For Gigabit Ethernet Interface
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ULC33CP8 Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  ULC33CP8 Datasheet HTML 1Page - Socay Electornics Co., Ltd. ULC33CP8 Datasheet HTML 2Page - Socay Electornics Co., Ltd. ULC33CP8 Datasheet HTML 3Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lightning & ESD Protection For Gigabit Ethernet Interface
Low Capacitance
Revision March 06, 2014
1 / 3
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
ULC33CP8
SOCAY Electronics Co., Ltd.
www.socay.com
DFN2010P8
The ULC33CP8 is designed to protect voltage sensitive
components from ESD and transient voltage events. Excellent
clamping capability, low leakage, and fast response time,
make these parts ideal for ESD protection on designs where
board space is at a premium.
u
150 Watts Peak Pulse Power per Line (tp=8/20
μs)
u
Protects Up To Two Bidirectional I/O Lines
u
Low Capacitance (1pF) For High-Speed Interfaces
u
Working Voltages : 3.0V
u
Ultra-small Package Requires Less Than 2.0x1.0mm of
PCB area
u
IEC61000-4-2 (ESD)
±25kV (air), ±15kV (contact)
u
IEC61000-4-4 (EFT) 40A (5/50ns)
u
IEC61000-4-5 (Lightning) 10A (8/20
μs)
u
10/100/1000 Ethernet
u
Integrated Magnetics / RJ-45 Connectors
u
LAN/WAN Equipment
u
Security Cameras
u
Industrial Controls
u
Peripherals
u
Notebooks & Desktop Computers
u
DFN2010P8 (2.0x1.0mm) Package
u
Molding Compound Flammability Rating : UL 94V-0
u
Weight 1.0 Milligrams (Approximate)
u
Quantity Per Reel : 3,000pcs
u
Reel Size : 7 inch
u
Lead Finish : Lead Free
Symbol
Parameter
Value
Units
PPP
Peak Pulse Power (tp=8/20
μs waveform)
150
W
TL
Lead Soldering Temperature
260 (10sec)
ºC
TSTG
Storage Temperature Range
-55 to +150
ºC
TOP
Operating Temperature Range
-55 to +150
ºC
IEC61000-4-2 (ESD)
Air Discharge
±25
KV
Contact Discharge
±15
IEC61000-4-4 (EFT)
40
A
IEC61000-4-5 ( Lightning )
10
A
Mechanical Characteristics
Description
Feature
Functional Diagram
Mechanical Characteristics
Applications


Similar Part No. - ULC33CP8

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC33CP8 LEIDITECH-ULC33CP8 Datasheet
935Kb / 5P
   LIGHTNING AND ESD PROTECTION FOR GIGABIT ETHRNET INTERFACE
logo
UN Semiconducctor INC
ULC33CP8 UNSEMI-ULC33CP8 Datasheet
2Mb / 5P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - ULC33CP8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP2512T SEMTECH-UCLAMP2512T Datasheet
371Kb / 8P
   Lightning and ESD Protection for Gigabit Ethernet Interfaces
UCLAMP2804L SEMTECH-UCLAMP2804L Datasheet
282Kb / 8P
   Lightning and ESD Protection for Gigabit Ethernet Interfaces
logo
Shanghai Leiditech Elec...
ULC33CP8 LEIDITECH-ULC33CP8 Datasheet
935Kb / 5P
   LIGHTNING AND ESD PROTECTION FOR GIGABIT ETHRNET INTERFACE
logo
StarHope
TUSD03S2B SPSEMI-TUSD03S2B Datasheet
52Kb / 4P
   Electro-Static Discharge TUSD03S2B Lightning and ESD Protection for Gigabit Ethernet Interface
logo
Rectron Semiconductor
TEP2201-33LC RECTRON-TEP2201-33LC Datasheet
755Kb / 6P
   Low Capacitance ESD/Surge Protection for Gigabit Ethernet Interfaces
TEP2203-25LC RECTRON-TEP2203-25LC Datasheet
222Kb / 5P
   Low Capacitance ESD/Surge Protection for Gigabit Ethernet Interfaces
logo
Broadcom Corporation.
AFBR-5601Z BOARDCOM-AFBR-5601Z Datasheet
411Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5601Z AVAGO-AFBR-5601Z_13 Datasheet
411Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
Agilent(Hewlett-Packard...
HFBR-5601 HP-HFBR-5601 Datasheet
288Kb / 14P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5601Z AVAGO-AFBR-5601Z Datasheet
482Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com