Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3704TRLPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFR3704TRLPBF
Description  High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR3704TRLPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFR3704TRLPBF Datasheet HTML 1Page - International Rectifier IRFR3704TRLPBF Datasheet HTML 2Page - International Rectifier IRFR3704TRLPBF Datasheet HTML 3Page - International Rectifier IRFR3704TRLPBF Datasheet HTML 4Page - International Rectifier IRFR3704TRLPBF Datasheet HTML 5Page - International Rectifier IRFR3704TRLPBF Datasheet HTML 6Page - International Rectifier IRFR3704TRLPBF Datasheet HTML 7Page - International Rectifier IRFR3704TRLPBF Datasheet HTML 8Page - International Rectifier IRFR3704TRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFR/U3704PbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min
Typ
Max Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.021
–––
V/°C
–––
7.3
9.5
–––
11
14
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
–––
–––
10
–––
–––
100
Gate-to-Source Forward Leakage
–––
–––
200
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min
Typ
Max Units
gfs
Forward Transconductance
42
–––
–––
S
Qg
Total Gate Charge
–––
19
–––
Qgs
Gate-to-Source Charge
–––
8.1
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
6.4
–––
QOSS
Output Gate Charge
–––
16
24
VGS = 0V, VDS = 10V
RG
Gate Resistance
0.3
–––
3.2
td(on)
Turn-On Delay Time
–––
8.4
–––
tr
Rise Time
–––
98
–––
td(off)
Turn-Off Delay Time
–––
12
–––
ns
tf
Fall Time
–––
5.0
–––
Ciss
Input Capacitance
–––
1996
–––
Coss
Output Capacitance
–––
1085
–––
Crss
Reverse Transfer Capacitance
–––
155
–––
Avalanche Characteristics
Symbol
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Diode Characteristics
Symbol
Parameter
Min
Typ
Max Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
–––
0.88
1.3
–––
0.82
–––
trr
Reverse Recovery Time
–––
38
57
ns
Qrr
Reverse Recovery Charge
–––
45
68
nC
trr
Reverse Recovery Time
–––
41
62
ns
Qrr
Reverse Recovery Charge
–––
50
75
nC
pF
A
Diode Forward Voltage
V
–––
–––
75
f
–––
–––
300
m
µA
nA
VGS = 4.5V, ID = 12A
e
VDS = VGS, ID = 250µA
VDS = 20V, VGS = 0V
VDS = 16V, VGS = 0V, TJ = 125°C
VGS = 16V
VGS = -16V
TJ = 125°C, IF = 35.5A, VR= 20V
di/dt = 100A/µs
e
TJ = 125°C, IS = 35.5A, VGS = 0V e
Conditions
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 35.5A, VGS = 0V e
TJ = 25°C, IF = 35.5A, VR = 20V
di/dt = 100A/µs
e
ƒ = 1.0MHz
216
71
MOSFET symbol
Max
Typ
–––
–––
Conditions
VDS = 25V, ID = 57A
ID = 28.4A
VDS = 10V
VGS = 4.5V
e
VGS = 0V
VDS = 10V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 15A
e
VGS = 4.5V
e
VDD = 10V
ID = 28.4A
RG = 1.8Ω
RDS(on)
IDSS
IGSS
Static Drain-to-Source On-Resistance
Drain-to-Source Leakage Current


Similar Part No. - IRFR3704TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
logo
Kersemi Electronic Co.,...
IRFR3704 KERSEMI-IRFR3704 Datasheet
816Kb / 9P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification
logo
International Rectifier
IRFR3704PBF IRF-IRFR3704PBF Datasheet
217Kb / 9P
   HEXFET Power MOSFET
IRFR3704Z IRF-IRFR3704Z Datasheet
225Kb / 11P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR3704Z KERSEMI-IRFR3704Z Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results

Similar Description - IRFR3704TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF7457PBF IRF-IRF7457PBF_15 Datasheet
182Kb / 8P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRLPBF IRF-IRF3711STRLPBF Datasheet
292Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706STRL IRF-IRF3706STRL Datasheet
152Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707STRRPBF IRF-IRF3707STRRPBF Datasheet
287Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRFR3711TRPBF IRF-IRFR3711TRPBF Datasheet
237Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3704STRLPBF IRF-IRF3704STRLPBF Datasheet
270Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com