Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN3E6-75MM Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # UN3E6-75MM
Description  3-Electrode Gas Discharge Tube (GDT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN3E6-75MM Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  UN3E6-75MM Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN3E6-75MM Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN3E6-75MM Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN3E6-75MM Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3-Electrode Gas Discharge Tube (GDT)
Revision March 6, 2014
4 / 4
@SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN3E6 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Description
Quantity
UN3E6-XXXMM
100PCS per Tray, 10 Trays / Inner Carton
1000
UN3E6-XXXM
100PCS per Tray, 10 Trays / Inner Carton
1000
Tray Dimension
(Unit: mm)
u
Gas discharge tubes (GDT) must not be operated directly in power supply networks.
u
Gas discharge tubes (GDT) may become hot in case of longer periods of current stress (danger of burning).
u
Gas discharge tubes (GDT) may be used only within their specified values. In the event of overload, the head contacts may
fail or the component may be destroyed.
u
Damaged Gas discharge tubes (GDT) must not be re-used.
Part Numbering
UN 3E6
– XXX M M
M,
with wire
No,
without wire
8/20
μs Level
M, 10KA
Nominal DC Spark-over Voltage
75 = 75V
350=350V
90 = 90V
420=420V
150 = 150V
470=470V
230 = 230V
600=600V
Series
Packaging
Cautions and warnings


Similar Part No. - UN3E6-75MM

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN3E6-75MM UNSEMI-UN3E6-75MM Datasheet
3Mb / 5P
   Double line Gas Discharge Tube
Revision March 1,2022
More results

Similar Description - UN3E6-75MM

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN3E5-75LM SOCAY-UN3E5-75LM Datasheet
443Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN328-150HM SOCAY-UN328-150HM Datasheet
357Kb / 5P
   3-Electrode Gas Discharge Tube (GDT)
SC3E6 SOCAY-SC3E6 Datasheet
1Mb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN3E7-75HM SOCAY-UN3E7-75HM Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
SC3E8 SOCAY-SC3E8 Datasheet
3Mb / 5P
   3-Electrode Gas Discharge Tube (GDT)
UN3E8-75HM SOCAY-UN3E8-75HM Datasheet
357Kb / 5P
   3-Electrode Gas Discharge Tube (GDT)
UN2E8-420ML SOCAY-UN2E8-420ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470HSMD SOCAY-UN2E8-470HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HSMD SOCAY-UN2E8-75HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com