Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN1210-300BSMD Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # UN1210-300BSMD
Description  Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN1210-300BSMD Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  UN1210-300BSMD Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN1210-300BSMD Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN1210-300BSMD Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN1210-300BSMD Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Revision March 6, 2014
4 / 4
@SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN1210 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Description
Quantity
UN1210-XXXBSMD
12mm Tape & 7
″ Reel
1000
u
Gas discharge tubes (GDT) must not be operated directly in power supply networks.
u
Gas discharge tubes (GDT) may become hot in case of longer periods of current stress (danger of burning).
u
Gas discharge tubes (GDT) may be used only within their specified values. In the event of overload, the head contacts may
fail or the component may be destroyed.
u
Damaged Gas discharge tubes (GDT) must not be re-used.
Part Numbering
UN 1210
– X XX B S MD
SMD,
Surface Mount
8/20
μs Level
B, 1KA
Nominal DC Spark-over Voltage
150 = 150V
200 = 200V
350 = 350V
400 = 400V
Series
Tape and Reel Dimensions
Unit: mm
Packaging
Cautions and warnings


Similar Part No. - UN1210-300BSMD

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN1210-300BSMD UNSEMI-UN1210-300BSMD Datasheet
2Mb / 5P
   Surface Single Gas Discharge Tube
Revision March 1,2022
More results

Similar Description - UN1210-300BSMD

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN1812-300CSMD SOCAY-UN1812-300CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E5-SMD SOCAY-UN2E5-SMD Datasheet
193Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-470CSMD SOCAY-UN1812-470CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-200CSMD SOCAY-UN1812-200CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E5-90LSMD SOCAY-UN2E5-90LSMD Datasheet
330Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC2E5-SMD SOCAY-SC2E5-SMD Datasheet
1Mb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC1210 SOCAY-SC1210 Datasheet
1Mb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E6-SMD SOCAY-UN2E6-SMD Datasheet
267Kb / 5P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-600CSMD SOCAY-UN1812-600CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E6-400LSMD SOCAY-UN2E6-400LSMD Datasheet
322Kb / 5P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-350CSMD SOCAY-UN1812-350CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com