Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTNUS3171PZT5G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTNUS3171PZT5G
Description  Small Signal MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTNUS3171PZT5G Datasheet(HTML) 4 Page - ON Semiconductor

  NTNUS3171PZT5G Datasheet HTML 1Page - ON Semiconductor NTNUS3171PZT5G Datasheet HTML 2Page - ON Semiconductor NTNUS3171PZT5G Datasheet HTML 3Page - ON Semiconductor NTNUS3171PZT5G Datasheet HTML 4Page - ON Semiconductor NTNUS3171PZT5G Datasheet HTML 5Page - ON Semiconductor NTNUS3171PZT5G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTNUS3171PZ
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Resistive Switching Time Variation
vs. Gate Resistance
DRAIN−TO−SOURCE VOLTAGE (V)
RG, GATE RESISTANCE (W)
20
12
10
2
0
0
2
4
6
10
12
14
18
100
10
1
1
10
100
1000
Figure 9. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
1
0.8
0.6
0.4
0.2
0
0
0.02
0.04
0.06
0.08
0.12
16
VGS = 0 V
TJ = 25°C
Ciss
Coss
Crss
VDD = 15 V
ID = 200 mA
VGS = 4.5 V
td(off)
td(on)
tr
tf
VGS = 0 V
TJ = 25°C
8
0.10
46
8
14
16
18


Similar Part No. - NTNUS3171PZT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTND31015NZ ONSEMI-NTND31015NZ Datasheet
77Kb / 5P
   Dual N-Channel Small Signal MOSFET
November, 2015 ??Rev. 1
NTND31015NZTAG ONSEMI-NTND31015NZTAG Datasheet
77Kb / 5P
   Dual N-Channel Small Signal MOSFET
November, 2015 ??Rev. 1
NTND31200PZ ONSEMI-NTND31200PZ Datasheet
76Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31200PZTAG ONSEMI-NTND31200PZTAG Datasheet
76Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31211PZ ONSEMI-NTND31211PZ Datasheet
75Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
More results

Similar Description - NTNUS3171PZT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
   Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
   Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
   Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
NTNS41006PZ ONSEMI-NTNS41006PZ Datasheet
80Kb / 6P
   Small Signal MOSFET
May, 2017 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
2N7000 SEMTECH_ELEC-2N7000 Datasheet
148Kb / 2P
   Small Signal MOSFET
logo
ON Semiconductor
NTNS3C94NZ ONSEMI-NTNS3C94NZ_16 Datasheet
71Kb / 6P
   Small Signal MOSFET
December, 2016 ??Rev. 1
NTJS4405N ONSEMI-NTJS4405N_11 Datasheet
135Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 6
NTJD4158C ONSEMI-NTJD4158C_15 Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
NTJD4001N ONSEMI-NTJD4001N_15 Datasheet
72Kb / 5P
   Small Signal MOSFET
May, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com