Electronic Components Datasheet Search |
|
3-84982-1 Datasheet(PDF) 3 Page - Tyco Electronics |
|
3-84982-1 Datasheet(HTML) 3 Page - Tyco Electronics |
3 / 32 page 3 Catalog 1-1773440-6 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 05-06 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 FPC Connector Family Product Dimensions (Continued) 0.5 mm, FPC/FFC Connector, ZIF, Vertical, SMT, Type A Part Number 1470731 Lead Free 1734742 Material and Finish Housing — High temperature thermo- plastic, UL 94V-O, brown color Actuator — High temperature thermo- plastic, UL 94V-O, natural color Contacts — Phosphor bronze Board Mounts — Brass Technical Documents Product Specification — 108-57324 Recommended FFC Layout Recommended FPC Layout (No. of Pin + 1) ✕ 0.50 [.020] 0.50 [.020] 0.35 [.014] 0.50 [.020] 4.00 [.157] 6.00 [.236] Supporting Tape 0.30 [.012] (No. of Pin + 1) ✕ 0.50 [.020] 0.50 [.020] 0.30 [.012] 0.50 [.020] 4.00 [.157] 6.00 [.236] Supporting Tape 0.30 [.012] Part Number No. of Contacts Dimension A BCD 1-1470731-6 16 7.50 8.65 12.90 13.70 .295 .341 .508 .539 1-1470731-8 18 8.50 9.65 13.90 14.70 .335 .380 .547 .579 2-1470731-0 20 9.50 10.65 14.90 15.70 .374 .419 .587 .618 2-1470731-4 24 11.50 12.65 16.90 17.70 .453 .498 .665 .697 3-1470731-0 30 14.50 15.65 19.90 20.70 .571 .616 .783 .815 4-1470731-0 40 19.50 20.65 25.90 25.70 .768 .813 1.020 1.012 Actuator Typ. Board Mount 2 Plcs. D B 0.30 [.012] C 0.20 [.008] 0.25 [.010] 0.50 [.020] A 1.00 [.039] 3.30 [.130] 2.50 [.098] 5.30 [.209] 4.15 [.163] 3.80 [.150] 4.00 [.157] Typ. Typ. 2 Plcs. 2.90 [.114] 1.60 [.059] A 1.00 [.039] 0.50 [.020] 0.40 [.016] Typ. Typ. 1.00 [.039] 1.40 [.055] Pin 1 Recommended PCB Layout |
Similar Part No. - 3-84982-1 |
|
Similar Description - 3-84982-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |