Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF3711STRLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3711STRLPBF
Description  High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3711STRLPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF3711STRLPBF Datasheet HTML 1Page - International Rectifier IRF3711STRLPBF Datasheet HTML 2Page - International Rectifier IRF3711STRLPBF Datasheet HTML 3Page - International Rectifier IRF3711STRLPBF Datasheet HTML 4Page - International Rectifier IRF3711STRLPBF Datasheet HTML 5Page - International Rectifier IRF3711STRLPBF Datasheet HTML 6Page - International Rectifier IRF3711STRLPBF Datasheet HTML 7Page - International Rectifier IRF3711STRLPBF Datasheet HTML 8Page - International Rectifier IRF3711STRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-to-Source Voltage
± 20
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
110
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
69
A
IDM
Pulsed Drain Current

440
PD @TC = 25°C
Maximum Power Dissipation
120
W
PD @TA = 25°C
Maximum Power Dissipation
…
3.1
W
Linear Derating Factor
0.96W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
www.irf.com
1
2/27/04
IRF3711PbF
IRF3711SPbF
IRF3711LPbF
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
20V
6.0m
110A†
Notes
 through † are on page 11
Absolute Maximum Ratings
D2Pak
IRF3711SPbF
TO-220AB
IRF3711PbF
TO-262
IRF3711LPbF
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.04
RθCS
Case-to-Sink, Flat, Greased Surface
„
0.50
–––
°C/W
RθJA
Junction-to-Ambient
„
–––
62
RθJA
Junction-to-Ambient (PCB mount)
…
–––
40
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Server Processor Power Synchronous FET
l Optimized for Synchronous Buck
Converters Including Capacitive Induced
Turn-on Immunity
PD- 94948
l Lead-Free


Similar Part No. - IRF3711STRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
More results

Similar Description - IRF3711STRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3704TRLPBF IRF-IRFR3704TRLPBF Datasheet
226Kb / 10P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF7457PBF IRF-IRF7457PBF_15 Datasheet
182Kb / 8P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706STRL IRF-IRF3706STRL Datasheet
152Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707STRRPBF IRF-IRF3707STRRPBF Datasheet
287Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRFR3711TRPBF IRF-IRFR3711TRPBF Datasheet
237Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3704STRLPBF IRF-IRF3704STRLPBF Datasheet
270Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com