Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-440347-3 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 1-440347-3
Description  FPC Connector Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-440347-3 Datasheet(HTML) 5 Page - Tyco Electronics

  1-440347-3 Datasheet HTML 1Page - Tyco Electronics 1-440347-3 Datasheet HTML 2Page - Tyco Electronics 1-440347-3 Datasheet HTML 3Page - Tyco Electronics 1-440347-3 Datasheet HTML 4Page - Tyco Electronics 1-440347-3 Datasheet HTML 5Page - Tyco Electronics 1-440347-3 Datasheet HTML 6Page - Tyco Electronics 1-440347-3 Datasheet HTML 7Page - Tyco Electronics 1-440347-3 Datasheet HTML 8Page - Tyco Electronics 1-440347-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions (Continued)
Part Number
Position
Dimension
ABC
1470359-5
5
7.93
3.10
2.00
.312
.122
.078
1470359-6
6
8.43
3.60
2.50
.331
.141
.098
1470359-7
7
8.93
4.10
3.00
.351
.161
.118
1470359-8
8
9.43
4.60
3.50
.371
.181
.137
1470359-9
9
9.93
5.10
4.00
.390
.200
.157
1-1470359-0
10
10.43
5.60
4.50
.410
.220
.177
1-1470359-1
11
10.93
6.10
5.00
.430
.240
.196
1-1470359-2
12
11.43
6.60
5.50
.450
.259
.216
1-1470359-3
13
11.93
7.10
6.00
.469
.279
.236
1-1470359-4
14
12.43
7.60
6.50
.489
.299
.255
1-1470359-5
15
12.93
8.10
7.00
.509
.318
.275
1-1470359-6
16
13.43
8.60
7.50
.528
.338
.295
1-1470359-7
17
13.93
9.10
8.00
.548
.358
.314
1-1470359-8
18
14.43
9.60
8.50
.568
.377
.334
1-1470359-9
19
14.93
10.10
9.00
.587
.397
.354
2-1470359-0
20
15.43
10.60
9.50
.607
.417
.374
2-1470359-1
21
15.93
11.10
10.00
.627
.437
.393
2-1470359-2
22
16.43
11.60
10.50
.646
.456
.413
2-1470359-3
23
16.93
12.10
11.00
.666
.476
.433
2-1470359-4
24
17.43
12.60
11.50
.686
.496
.452
2-1470359-5
25
17.93
13.10
12.00
.705
.515
.472
2-1470359-6
26
18.43
13.60
12.50
.725
.535
.492
2-1470359-7
27
18.93
14.10
13.00
.745
.555
.511
Part Number
Position
Dimension
ABC
2-1470359-8
28
19.43
14.60
13.50
.764
.574
.531
2-1470359-9
29
19.93
15.10
14.00
.784
.594
.551
3-1470359-0
30
20.43
15.60
14.50
.804
.614
.570
3-1470359-1
31
20.93
16.10
15.00
.824
.633
.590
3-1470359-2
32
21.43
16.60
15.50
.843
.653
.610
3-1470359-3
33
21.93
17.10
16.00
.863
.673
.629
3-1470359-4
34
22.43
17.60
16.50
.883
.692
.649
3-1470359-5
35
22.93
18.10
17.00
.902
.712
.669
3-1470359-6
36
23.43
18.60
17.50
.922
.732
.688
3-1470359-7
37
23.93
19.10
18.00
.942
.751
.708
3-1470359-8
38
24.43
19.60
18.50
.961
.771
.728
3-1470359-9
39
24.93
20.10
19.00
.981
.791
.748
4-1470359-0
40
25.43
20.60
19.50
1.001
.811
.767
4-1470359-1
41
25.93
21.10
20.00
1.020
.830
.787
4-1470359-2
42
26.43
21.60
20.50
1.040
.850
.807
4-1470359-3
43
26.93
22.10
21.00
1.060
.870
.826
4-1470359-4
44
27.43
22.60
21.50
1.079
.890
.846
4-1470359-5
45
27.93
23.10
22.00
1.099
.909
.866
4-1470359-6
46
28.43
23.60
22.50
1.119
.929
.885
4-1470359-7
47
28.93
24.10
23.00
1.138
.949
.905
4-1470359-8
48
29.43
24.60
23.50
1.158
.968
.925
4-1470359-9
49
29.93
25.10
24.00
1.178
.988
.944
5-1470359-0
50
30.43
25.60
24.50
1.198
1.008
.964
0.5 mm, FPC Connector,
SMT, Top Contact
Part Number
1470359
Lead Free
1734839


Similar Part No. - 1-440347-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-440347-3 MACOM-1-440347-3 Datasheet
662Kb / 32P
   FPC Connector Family
More results

Similar Description - 1-440347-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-84533-5 MACOM-1-84533-5 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
logo
Molex Electronics Ltd.
FFC-FPC MOLEX11-FFC-FPC Datasheet
7Mb / 1P
   FFC-FPC SMT Family Overview
502250-1791 MOLEX-502250-1791 Datasheet
1Mb / 2P
   FPC Connector
501912-1590 MOLEX-501912-1590 Datasheet
460Kb / 2P
   FPC Connector
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
Newhaven Display Intern...
MOLEX52745-0496 NEWHAVEN-MOLEX52745-0496 Datasheet
161Kb / 9P
   PITCH FPC CONNECTOR series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com