Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF3710ZGPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF3710ZGPBF
Description  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3710ZGPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF3710ZGPBF Datasheet HTML 1Page - International Rectifier IRF3710ZGPBF Datasheet HTML 2Page - International Rectifier IRF3710ZGPBF Datasheet HTML 3Page - International Rectifier IRF3710ZGPBF Datasheet HTML 4Page - International Rectifier IRF3710ZGPBF Datasheet HTML 5Page - International Rectifier IRF3710ZGPBF Datasheet HTML 6Page - International Rectifier IRF3710ZGPBF Datasheet HTML 7Page - International Rectifier IRF3710ZGPBF Datasheet HTML 8Page - International Rectifier IRF3710ZGPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF3710ZGPbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C, L = 0.27mH,
RG = 25Ω, IAS = 35A, VGS =10V. Part not
recommended for use above this value.
ƒ ISD ≤ 35A, di/dt ≤ 380A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C.
„ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
† Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
‡ This value determined from sample failure population. 100%
tested to this value in production.
S
D
G
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.10
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
14
18
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
35
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
82
120
nC
Qgs
Gate-to-Source Charge
–––
19
28
Qgd
Gate-to-Drain ("Miller") Charge
–––
27
40
td(on)
Turn-On Delay Time
–––
17
–––
ns
tr
Rise Time
–––
77
–––
td(off)
Turn-Off Delay Time
–––
41
–––
tf
Fall Time
–––
56
–––
LD
Internal Drain Inductance
–––
4.5
–––
nH
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
2900
–––
pF
Coss
Output Capacitance
–––
290
–––
Crss
Reverse Transfer Capacitance
–––
150
–––
Coss
Output Capacitance
–––
1130
–––
Coss
Output Capacitance
–––
170
–––
Coss eff.
Effective Output Capacitance
–––
280
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
59
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
240
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
5075ns
Qrr
Reverse Recovery Charge
–––
100
160
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 35A
f
VDS = VGS, ID = 250µA
VDS = 100V, VGS = 0V
VDS = 100V, VGS = 0V, TJ = 125°C
RG = 6.8
ID = 35A
VDS = 50V, ID = 35A
VDD = 50V
ID = 35A
VGS = 20V
VGS = -20V
TJ = 25°C, IF = 35A, VDD = 25V
di/dt = 100A/µs
f
TJ = 25°C, IS = 35A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
MOSFET symbol
VGS = 0V
VDS = 25V
VGS = 0V, VDS = 80V, ƒ = 1.0MHz
Conditions
VGS = 0V, VDS = 0V to 80V
VDS = 80V
VGS = 10V
f
ƒ = 1.0MHz, See Fig. 5
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 10V
f


Similar Part No. - IRF3710ZGPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3710Z IRF-IRF3710Z Datasheet
270Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRF3710Z ISC-IRF3710Z Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF3710ZL IRF-IRF3710ZL Datasheet
270Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRF3710ZL KERSEMI-IRF3710ZL Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
More results

Similar Description - IRF3710ZGPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com