Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813-SL70.0M-03 Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 813-SL70.0M-03
Description  70.0MHz IF SAW Filter 2.85MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL70.0M-03 Datasheet(HTML) 3 Page - Oscilent Corporation

  813-SL70.0M-03_14 Datasheet HTML 1Page - Oscilent Corporation 813-SL70.0M-03_14 Datasheet HTML 2Page - Oscilent Corporation 813-SL70.0M-03_14 Datasheet HTML 3Page - Oscilent Corporation 813-SL70.0M-03_14 Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Oscilent Part Number
813-SL70.0M-03
January 2011 Rev A
70.0MHz IF SAW Filter 2.85MHz Bandwidth
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-30
-
+80
Storage Temperature Range
°C
-40
-
+85
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
69.85
70.0
70.15
Insertion Loss at Fo
dB
-
7.7
8.2
Amplitude Ripple Variation
dBp-p
-
0.65
1.0
Group Delay Variation
nsec
-
145
190
Absolute Delay at Fo
µsec
-
1.07
-
Temperature Coefficient
ppm/°C
-
-84
-
Bandwidth at –1.0 dB
MHz
2.4
2.85
-
Bandwidth at –3.0 dB
MHz
3.0
3.55
-
Bandwidth at –40.0 dB
MHz
-
6.18
6.8
Ultimate Rejection
dB
40
45
-


Similar Part No. - 813-SL70.0M-03_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL70.0M-03 OSCILENT-813-SL70.0M-03 Datasheet
177Kb / 2P
   Base Station & Repeater
More results

Similar Description - 813-SL70.0M-03_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL70.0M-42A OSCILENT-813-SL70.0M-42A Datasheet
214Kb / 6P
   70.0MHz IF SAW Filter 42.2MHz Bandwidth
813-IF70.0M-19D OSCILENT-813-IF70.0M-19D Datasheet
213Kb / 6P
   70.0MHz IF SAW Filter 19.48MHz Bandwidth
821-IF70.0M-R OSCILENT-821-IF70.0M-R Datasheet
450Kb / 6P
   70.0MHz IF SAW Filter 0.3 MHz Bandwidth
813-SL70.0M-07 OSCILENT-813-SL70.0M-07_14 Datasheet
275Kb / 5P
   70.0MHz IF SAW Filter 6.8 MHz Bandwidth
820-IF70.0M-R OSCILENT-820-IF70.0M-R_14 Datasheet
139Kb / 4P
   70.0MHz IF SAW Filter 0.3 MHz Bandwidth
835-IF70.0M-14B OSCILENT-835-IF70.0M-14B Datasheet
211Kb / 6P
   70.0MHz IF SAW Filter 14.0 MHz Bandwidth
835-IF70.0M-15B OSCILENT-835-IF70.0M-15B Datasheet
213Kb / 6P
   70.0MHz IF SAW Filter 15.32 MHz Bandwidth
813-SL70.0M-20A OSCILENT-813-SL70.0M-20A Datasheet
181Kb / 6P
   70.0MHz IF SAW Filter 19.5 MHz Bandwidth
835-IF70.0M-06A OSCILENT-835-IF70.0M-06A Datasheet
226Kb / 6P
   70.0MHz IF SAW Filter 6.41 MHz Bandwidth
835-IF70.0M-14C OSCILENT-835-IF70.0M-14C Datasheet
211Kb / 6P
   70.0MHz IF SAW Filter 14.27 MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com