Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

807-IF246.0M-B Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 807-IF246.0M-B
Description  246.0MHz IF SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

807-IF246.0M-B Datasheet(HTML) 3 Page - Oscilent Corporation

  807-IF246.0M-B_14 Datasheet HTML 1Page - Oscilent Corporation 807-IF246.0M-B_14 Datasheet HTML 2Page - Oscilent Corporation 807-IF246.0M-B_14 Datasheet HTML 3Page - Oscilent Corporation 807-IF246.0M-B_14 Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Oscilent Part Number
807-IF246.0M-B
January 2011 Rev A
246.0MHz IF SAW Filter
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-25
-
85
Storage Temperature Range
°C
-40
-
85
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
-
246.0
-
Minimum Insertion Loss (Fo±50.0 kHz)
dB
-
5.0
6.5
Amplitude Ripple Variation at Fo±50.0 kHz
dBp-p
-
1.2
2.0
Attenuation
Fo -25.00 ~ Fo -0.60 MHz
dB
50.0
58.0
-
Fo -0.60 ~ Fo -0.40 MHz
dB
32.0
45.0
-
Fo –0.40 ~ Fo –0.20 MHz
dB
10.0
25.0
-
Fo +0.20 ~ Fo +0.40 MHz
dB
10.0
25.0
-
Fo -0.40 ~ Fo -0.60 MHz
dB
32.0
45.0
-
Fo -0.60 ~ Fo –25.0 MHz
dB
50.0
60.0
-


Similar Part No. - 807-IF246.0M-B_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
807-IF246.0M-B OSCILENT-807-IF246.0M-B Datasheet
242Kb / 3P
   Mobile Communication
More results

Similar Description - 807-IF246.0M-B_14

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA08030 GOLLEDGE-MA08030 Datasheet
250Kb / 5P
   SAW Filter 246.0MHz
MP04680 GOLLEDGE-MP04680 Datasheet
195Kb / 6P
   SAW Filter 246.0MHz
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
   IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
   IF SAW Filter
logo
TDK Electronics
B39191B5219H810 TDK-B39191B5219H810 Datasheet
118Kb / 8P
   SAW IF filter
logo
EPCOS
B1708 EPCOS-B1708 Datasheet
104Kb / 10P
   SAW IF filter
logo
Oscilent Corporation
813-SL70.0M-20 OSCILENT-813-SL70.0M-20 Datasheet
302Kb / 2P
   IF SAW Filter
logo
EPCOS
B5105 EPCOS-B5105 Datasheet
103Kb / 8P
   SAW IF filter
B1707 EPCOS-B1707 Datasheet
104Kb / 10P
   SAW IF filter
B1709 EPCOS-B1709 Datasheet
101Kb / 10P
   SAW IF filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com