Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3521DA Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part # UM3521DA
Description  600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3521DA Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

  UM3521DA Datasheet HTML 1Page - Union Semiconductor, Inc. UM3521DA Datasheet HTML 2Page - Union Semiconductor, Inc. UM3521DA Datasheet HTML 3Page - Union Semiconductor, Inc. UM3521DA Datasheet HTML 4Page - Union Semiconductor, Inc. UM3521DA Datasheet HTML 5Page - Union Semiconductor, Inc. UM3521DA Datasheet HTML 6Page - Union Semiconductor, Inc. UM3521DA Datasheet HTML 7Page - Union Semiconductor, Inc. UM3521DA Datasheet HTML 8Page - Union Semiconductor, Inc. UM3521DA Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.01 May.2012
2/10
UM3521DA
Ordering Information
Part Number
Packaging Type
Marking Code
Shipping Qty
UM3521DA
DFN6
ADA
3000pcs/7Inch
Tape & Reel
Pin Description
Pin
Number
Symbol
Function
1
SW
Switching Pin
2
MODE
Mode Select Pin. This pin is used to put the UM3521DA into fixed
frequency PWM mode by pulling MODE pin high.
3
FB
Pin for Feedback Voltage
4
EN
Enable Pin (Active with “H”)
5
VIN
Power Supply Pin
6
GND
Ground Pin
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VIN
Input Voltage
-0.3 to +6.0
V
VFB
FB Voltage
-0.3 to VIN+0.3
V
VEN
EN Voltage
-0.3 to VIN+0.3
V
VMODE
MODE Voltage
-0.3 to VIN+0.3
V
VSW
SW Voltage
-0.3 to VIN+0.3
V
TO
Operating Temperature
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C


Similar Part No. - UM3521DA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM3522G ETC1-UM3522G Datasheet
87Kb / 1P
   SIMPLE PIANO(ELECTRONIC KEYBOARD IC)
UM3522GH ETC1-UM3522GH Datasheet
87Kb / 1P
   SIMPLE PIANO(ELECTRONIC KEYBOARD IC)
logo
NEC
UM352WG NEC-UM352WG Datasheet
439Kb / 2P
   NEC Professional Ultra-Short-Throw Projector
More results

Similar Description - UM3521DA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
   1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
   600mA 3MHz Synchronous Step-Down DC-DC Converter
Rev. PrA
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com