Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3865P Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part # UM3865P
Description  Load Switch with Level-Shift
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3865P Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

  UM3865P Datasheet HTML 1Page - Union Semiconductor, Inc. UM3865P Datasheet HTML 2Page - Union Semiconductor, Inc. UM3865P Datasheet HTML 3Page - Union Semiconductor, Inc. UM3865P Datasheet HTML 4Page - Union Semiconductor, Inc. UM3865P Datasheet HTML 5Page - Union Semiconductor, Inc. UM3865P Datasheet HTML 6Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.01 Dec.2012
2/6
UM3865P
Typical Application Circuit
COMPONENTS
R1
Pull-Up Resistor
Typical 20kΩ to 1MΩ*
R2
Optional Slew-Rate Control
Typical 0 to 50kΩ
C1
Optional Slew-Rate Control
Typical 1000pF
*Minimum R1 value should be at least 10×R2 to ensure Q1 turn-on.
Note: For R2 switching variations with other VIN/R1 combinations See Typical Characteristics
Switching Variation
(R2@VIN=2.5V,R1=20kΩ)
0
10
20
30
40
50
02
4
6
8
10
R2(kΩ)
td(on)
tr
td(off)
tf


Similar Part No. - UM3865P

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P_14 Datasheet
189Kb / 6P
   Load Switch with Level-Shift
More results

Similar Description - UM3865P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
   Load Switch with Level-Shift
Rev. A, 04-Mar-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
   Load Switch with Level-Shift
Rev. B, 14-Jun-04
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
   Load Switch with Level-Shift
Rev. B, 12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
   Load Switch with Level-Shift
Rev. D, 08-Nov-10
SI3865DDV VISHAY-SI3865DDV Datasheet
240Kb / 10P
   Load Switch with Level-Shift
Rev. D, 08-Sep-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com