Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM4711 Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM4711
Description  Multi-line ESD/EMI Protection for Color LCD Interfaces
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM4711 Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM4711 Datasheet HTML 2Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 3Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 4Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 5Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 6Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 7Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 8Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 9Page - Union Semiconductor, Inc. UM4711 Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.01 Aug.2012
6/11
UM4701/4711/8701/8711
Ground Connection Recommendation
Parasitic inductance (L) present in the board layout will affect the filtering performance of the
device. As frequency (f) increases, the effect of the inductance becomes more dominant. This
effect is given by Equation 1.
Pin
Identification
1 - 4
Input Lines
5 - 8
Output Lines
Center Tab
Ground
Pin Identification & Configuration
UM4701/UM4711
Equation 1: The Impedance of an Inductor at
Frequency XLF
XLF(L,f ) = 2×л×f ×L
Where:
L= Inductance (H)
f = Frequency (Hz)
Pin
Identification
1 - 8
Input Lines
9 - 16
Output Lines
Center Tab
Ground
Pin Identification & Configuration
UM8701/UM8711
Equation 1: The Impedance of an Inductor at
Frequency XLF
XLF(L, f ) = 2×л×f ×L
Where:
L= parasitic inductance in the PCB (H)
f = Frequency (Hz)


Similar Part No. - UM4711

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4711 UNIONSEMI-UM4711 Datasheet
346Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
More results

Similar Description - UM4711

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4701 UNIONSEMI-UM4701_16 Datasheet
346Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4601 UNIONSEMI-UM4601 Datasheet
410Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4601 UNIONSEMI-UM4601_16 Datasheet
438Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4411 UNIONSEMI-UM4411 Datasheet
219Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM8401 UNIONSEMI-UM8401 Datasheet
319Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
UM4401 UNIONSEMI-UM4401 Datasheet
398Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM4411 UNIONSEMI-UM4411_16 Datasheet
234Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM6411 UNIONSEMI-UM6411_16 Datasheet
264Kb / 7P
   6 Line ESD/EMI Protection for Color LCD Interfaces
UM8401 UNIONSEMI-UM8401_16 Datasheet
260Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
UM8411 UNIONSEMI-UM8411 Datasheet
239Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com