Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM4750S-RN Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part # UM4750S-RN
Description  300mA, Micropower, Dual Channel VLDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM4750S-RN Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

  UM4750S-RN Datasheet HTML 1Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 2Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 3Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 4Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 5Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 6Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 7Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 8Page - Union Semiconductor, Inc. UM4750S-RN Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Mar.2014
2/13
UM4750
Pin Description
Naming Information
UM4750
Channel 1 Output Voltage
Package Type
S: SOT23-6
DA: DFN6 2.0×2.0
DB: DFN8 3.0×3.0
-
Channel 2 Output Voltage
1
VIN
GND
EN1
EN2
VOUT2
VOUT1
2
3
4
5
6
7XX
Marking Pin1
M: Month Code
UM4750DA-xx
DFN6 2.0×2.0
1
2
3
4
8
7
6
5
GND
VIN
EN2
EN1
NC
VOUT1
NC
GND
VOUT2
7XX
M: Month Code
UM4750DB-xx
DFN8 3.0×3.0
Pin Number
Symbol
Function
UM4750S-xx
UM4750DA-xx
UM4750DB-xx
1
5
5
VOUT2
Channel2 output voltage
2
2
6
GND
Ground
3
4
3
EN2
Enable2 Input, Active High
4
3
2
EN1
Enable1 Input, Active High
5
1
1
VIN
Power Supply
6
6
8
VOUT1
Channel1 output voltage
-
-
4,7
NC
No connection


Similar Part No. - UM4750S-RN

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4750S-RN UNIONSEMI-UM4750S-RN Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results

Similar Description - UM4750S-RN

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com