Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB2-H-6004 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # USB2-H-6004
Description  USB2-H-6004 Hi-Speed USB to 4-Port RS422 Adapter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB2-H-6004 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  USB2-H-6004 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB2-H-6004 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB2-H-6004 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB2-H-6004 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB2-H-6004 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB2-H-6004 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB2-H-6004 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB2-H-6004 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB2-H-6004 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Document Reference No.: ES_000030
USB2-H-6004 Hi-Speed USB to 4-Port RS422 Adapter Data Sheet
Version 1.01
Clearance No.: ES
#24
©2010 EasySync Ltd.
4
1 Introduction
1.1 Functional Description
The USB-COM-Plus adaptors are a family of communication devices. This model, USB2-H-6004, provides
a simple method of adapting legacy serial devices with RS422 interfaces to a modern USB 2.0 Hi-Speed
port. This is accomplished by incorporating the industry standard FTDI FT4232H Hi-Speed USB-Serial
bridge chip.
Each USB2-H-6004 adapter contains a small internal electronic circuit board which utilises the FTDI
FT4232H, mounted inside a rugged plastic enclosure capable of withstanding industrial temperature
ranges. The integrated electronics also include RS422 level shifters and TXD/RXD LEDs to provide a
visual indication of data traffic through the adapter.
Figure 1.1 USB-COM-Plus USB2-H-6004
Flexible mounting allows the USB2-H-6004 to be used in a variety of applications, from a portable
adapter to accompany a laptop to permanent installations in industrial, commercial and retail locations.
The enclosure incorporates a standard USB-Mini B client connector for connection to an upstream host or
hub port. RS422-level signals are available on an industry-standard DE-9P connector. The maximum
RS422-level data rate is 10Mbps.
The USB2-H-6004 adapter require USB device drivers, available free from http://www.easysync.co.uk or
http://www.easysync-ltd.com, which are used to make the USB2-H-6004 appear as a Virtual COM Port
(VCP). This allows existing serial communications software, such as HyperTerminal, to exchange data
through the USB2-H-6004 to a legacy RS422 peripheral device.


Similar Part No. - USB2-H-6004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB2-H-6004-M ETC2-USB2-H-6004-M Datasheet
1Mb / 42P
   USB2-H-600X-M FAMILY Hi-Speed USB to Multi-Ports RS422 Adapter
More results

Similar Description - USB2-H-6004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB2-H-1004 ETC2-USB2-H-1004 Datasheet
624Kb / 25P
   USB2-H-1004 Hi-Speed USB to 4-Port RS232 Adapter
USB2-H-5004 ETC2-USB2-H-5004 Datasheet
935Kb / 28P
   USB2-H-5004 Hi-Speed USB to 4-Port RS485 Adapter
USB2-H-6002 ETC2-USB2-H-6002 Datasheet
798Kb / 28P
   USB2-H-6002 High-Speed USB to 2-Port RS422 Adapter
USB2-H-6016-M ETC2-USB2-H-6016-M Datasheet
1Mb / 42P
   USB2-H-600X-M FAMILY Hi-Speed USB to Multi-Ports RS422 Adapter
USB2-H-5002 ETC2-USB2-H-5002 Datasheet
847Kb / 30P
   USB2-H-5002 Hi-Speed USB to 2-Port RS485 Adapter
USB2-H-9004-M ETC2-USB2-H-9004-M Datasheet
745Kb / 34P
   USB2-H-9004-M Hi-Speed USB to 4-Port RS232/RS485 Adapter
USB2-H-9002-M ETC2-USB2-H-9002-M Datasheet
764Kb / 31P
   USB2-H-9002-M Hi-Speed USB to 2-Port RS232/RS485 Adapter
USB2-H-1016-M ETC2-USB2-H-1016-M Datasheet
1Mb / 38P
   USB2-H-100X-M FAMILY Hi-Speed USB to Multi-Ports RS232 Adapter
USB2-H-5016-M ETC2-USB2-H-5016-M Datasheet
1Mb / 46P
   USB2-H-500X-M FAMILY Hi-Speed USB to Multi-Ports RS485 Adapter
USB2-F-1001 ETC2-USB2-F-1001 Datasheet
3Mb / 28P
   USB2-F-1001 Full-Speed USB to 1-Port RS232 Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com