Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3225ECAZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL3225ECAZ
Description  짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3225ECAZ Datasheet(HTML) 4 Page - Intersil Corporation

  ICL3225ECAZ Datasheet HTML 1Page - Intersil Corporation ICL3225ECAZ Datasheet HTML 2Page - Intersil Corporation ICL3225ECAZ Datasheet HTML 3Page - Intersil Corporation ICL3225ECAZ Datasheet HTML 4Page - Intersil Corporation ICL3225ECAZ Datasheet HTML 5Page - Intersil Corporation ICL3225ECAZ Datasheet HTML 6Page - Intersil Corporation ICL3225ECAZ Datasheet HTML 7Page - Intersil Corporation ICL3225ECAZ Datasheet HTML 8Page - Intersil Corporation ICL3225ECAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN4900.9
February 27, 2006
Typical Operating Circuits
ICL3225E
ICL3227E
19
VCC
T1OUT
T2OUT
T1IN
T2IN
T1
T2
0.1
µF
+
0.1
µF
+
0.1
µF
13
12
17
8
2
4
3
7
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
5
6
R1OUT
R1IN
16
5k
R2OUT
R2IN
9
10
5k
15
C1
C2
+ C3
C4
READY
1
GND
+3.3V
+
0.1
µF
18
TTL/CMOS
LOGIC LEVELS
RS-232
LEVELS
R1
R2
FORCEON
FORCEOFF
14
20
VCC
11
INVALID
TO POWER
CONTROL LOGIC
15
VCC
T1OUT
T1IN
T1
0.1
µF
+0.1µF
+
0.1
µF
11
13
2
4
3
7
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
5
6
R1OUT
R1IN
R1
8
9
5k
C1
C2
+ C3
C4
READY
1
GND
+3.3V
+
0.1
µF
14
TTL/CMOS
LOGIC LEVELS
RS-232
LEVELS
FORCEON
FORCEOFF
12
16
VCC
10
INVALID
TO POWER
CONTROL LOGIC
ICL3225E, ICL3227E, ICL3245E


Similar Part No. - ICL3225ECAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225ECAZ INTERSIL-ICL3225ECAZ Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3225ECAZ RENESAS-ICL3225ECAZ Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3225ECAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E Datasheet
299Kb / 20P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00
logo
Renesas Technology Corp
ICL3237E RENESAS-ICL3237E Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E_V01 Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com