Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM14249Y Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM14249Y
Description  300mA, Low Consumption, Wide Input Voltage Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM14249Y Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM14249Y Datasheet HTML 2Page - Union Semiconductor, Inc. UM14249Y Datasheet HTML 3Page - Union Semiconductor, Inc. UM14249Y Datasheet HTML 4Page - Union Semiconductor, Inc. UM14249Y Datasheet HTML 5Page - Union Semiconductor, Inc. UM14249Y Datasheet HTML 6Page - Union Semiconductor, Inc. UM14249Y Datasheet HTML 7Page - Union Semiconductor, Inc. UM14249Y Datasheet HTML 8Page - Union Semiconductor, Inc. UM14249Y Datasheet HTML 9Page - Union Semiconductor, Inc. UM14249Y Datasheet HTML 10Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.05 Dec.2013
7 / 10
UM142xx
Typical Operating Characteristics
0
50
100
150
200
250
300
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
Output Voltage VS Output Current
Output Current(mA)
V
IN
=6.0V
1000
10000
100000
0
10
20
30
40
50
60
70
80
Ripple Rejections VS Frequency
Frequency(Hz)
Iload=3mA
25
50
75
100
125
4.98
5.00
5.02
5.04
5.06
5.08
5.10
IO=10mA
Output Voltage VS Temperature
Temperature(
OC)
0
50
100
150
200
250
300
0
100
200
300
400
500
600
700
Dropout Voltage VS Output Current
Output Current(mA)
567
89
10
11
12
2
3
4
5
6
7
8
9
10
11
12
13
14
Supply Current VS Input Voltage
VDD(V)
4
56789
10
11
12
13
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
Output Voltage VS Input Voltage
Input Voltage(V)
I
O
=150mA
I
O
=10mA


Similar Part No. - UM14249Y

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM14249Y UNIONSEMI-UM14249Y Datasheet
280Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
More results

Similar Description - UM14249Y

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM14225S UNIONSEMI-UM14225S_16 Datasheet
280Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8567 BELLING-BL8567 Datasheet
325Kb / 7P
   300mA, Wide Input Voltage, Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE557U ACE-ACE557U Datasheet
312Kb / 5P
   250mA, Low Consumption, Wide Input Voltage Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
   300mA Low Consumption Linear Regulator
VER 1.3
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE506C ACE-ACE506C Datasheet
623Kb / 8P
   300mA Low Consumption Linear Regulator
VER 1.4
logo
ON Semiconductor
NCV8715 ONSEMI-NCV8715_16 Datasheet
959Kb / 21P
   Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 6
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
   Low current consumption 300mA CMOS Voltage Regulator
logo
Diodes Incorporated
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com