Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3225E Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICL3225E
Description  짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3225E Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICL3225E Datasheet HTML 6Page - Intersil Corporation ICL3225E Datasheet HTML 7Page - Intersil Corporation ICL3225E Datasheet HTML 8Page - Intersil Corporation ICL3225E Datasheet HTML 9Page - Intersil Corporation ICL3225E Datasheet HTML 10Page - Intersil Corporation ICL3225E Datasheet HTML 11Page - Intersil Corporation ICL3225E Datasheet HTML 12Page - Intersil Corporation ICL3225E Datasheet HTML 13Page - Intersil Corporation ICL3225E Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN4900.9
February 27, 2006
When using both manual and enhanced automatic
powerdown (FORCEON = 0), the ICL32XXE won’t power up
from manual powerdown until both FORCEOFF and
FORCEON are driven high, or until a transition occurs on a
receiver or transmitter input. Figure 5 illustrates a circuit for
ensuring that the ICL32XXE powers up as soon as
FORCEOFF switches high. The rising edge of the Master
Powerdown signal forces the device to power up, and the
ICL32XXE returns to enhanced automatic powerdown mode
an RC time constant after this rising edge. The time constant
isn’t critical, because the ICL32XXE remains powered up for
30 seconds after the FORCEON falling edge, even if there
are no signal transitions. This gives slow-to-wake systems
(e.g., a mouse) plenty of time to start transmitting, and as
long as it starts transmitting within 30 seconds both systems
remain enabled.
INVALID Output
The INVALID output always indicates (see Table 2) whether
or not 30
µs have elapsed with invalid RS-232 signals (see
Figures 6 and 8) persisting on all of the receiver inputs,
giving the user an easy way to determine when the interface
block should power down. Invalid receiver levels occur
whenever the driving peripheral’s outputs are shut off
(powered down) or when the RS-232 interface cable is
disconnected. In the case of a disconnected interface cable
where all the receiver inputs are floating (but pulled to GND
by the internal receiver pull down resistors), the INVALID
logic detects the invalid levels and drives the output low. The
power management logic then uses this indicator to power
down the interface block. Reconnecting the cable restores
valid levels at the receiver inputs, INVALID switches high,
and the power management logic wakes up the interface
block. INVALID can also be used to indicate the DTR or
RING INDICATOR signal, as long as the other receiver
inputs are floating, or driven to GND (as in the case of a
powered down driver).
Enhanced Automatic Powerdown
Even greater power savings is available by using these devices
which feature an enhanced automatic powerdown function.
When the enhanced powerdown logic determines that no
transitions have occurred on any of the transmitter nor receiver
inputs for 30 seconds, the charge pump and transmitters
powerdown, thereby reducing supply current to 1
µA. The
ICL32XXE automatically powers back up whenever it detects a
transition on one of these inputs. This automatic powerdown
feature provides additional system power savings without
changes to the existing operating system.
Enhanced automatic powerdown operates when the
FORCEON input is low, and the FORCEOFF input is high.
Tying FORCEON high disables automatic powerdown, but
manual powerdown is always available via the overriding
FORCEOFF input. Table 2 summarizes the enhanced
automatic powerdown functionality.
Figure 7 illustrates the enhanced powerdown control logic.
Note that once the ICL32XXE enters powerdown (manually
or automatically), the 30 second timer remains timed out
FIGURE 4. CONNECTIONS FOR MANUAL POWERDOWN
WHEN NO VALID RECEIVER SIGNALS ARE
PRESENT
PWR
FORCEOFF
INVALID
CPU
I/O
FORCEON
ICL32XXE
MGT
LOGIC
UART
FIGURE 5. CIRCUIT TO ENSURE IMMEDIATE POWER UP
WHEN EXITING FORCED POWERDOWN
FORCEOFF
FORCEON
POWER
MASTER POWERDOWN LINE
1M
0.1
µF
MANAGEMENT
UNIT
ICL32XXE
FIGURE 6. DEFINITION OF VALID RS-232 RECEIVER LEVELS
0.3V
-0.3V
-2.7V
2.7V
INVALID LEVEL - INVALID = 0
VALID RS-232 LEVEL - INVALID = 1
VALID RS-232 LEVEL - INVALID = 1
INDETERMINATE
INDETERMINATE
FIGURE 7. ENHANCED AUTOMATIC POWERDOWN LOGIC
30s
TIMER
S
R
FORCEOFF
AUTOSHDN
FORCEON
R_IN
T_IN
EDGE
DETECT
EDGE
DETECT
ICL3225E, ICL3227E, ICL3245E


Similar Part No. - ICL3225E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225E INTERSIL-ICL3225E Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225E INTERSIL-ICL3225E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3225ECA INTERSIL-ICL3225ECA Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3225E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E Datasheet
299Kb / 20P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00
logo
Renesas Technology Corp
ICL3237E RENESAS-ICL3237E Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E_V01 Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com