Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM14243Y Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM14243Y
Description  300mA, Low Consumption, Wide Input Voltage Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM14243Y Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM14243Y Datasheet HTML 2Page - Union Semiconductor, Inc. UM14243Y Datasheet HTML 3Page - Union Semiconductor, Inc. UM14243Y Datasheet HTML 4Page - Union Semiconductor, Inc. UM14243Y Datasheet HTML 5Page - Union Semiconductor, Inc. UM14243Y Datasheet HTML 6Page - Union Semiconductor, Inc. UM14243Y Datasheet HTML 7Page - Union Semiconductor, Inc. UM14243Y Datasheet HTML 8Page - Union Semiconductor, Inc. UM14243Y Datasheet HTML 9Page - Union Semiconductor, Inc. UM14243Y Datasheet HTML 10Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.05 Dec.2013
10 / 10
UM142xx
IMPORTANT NOTICE
The information in this document has been carefully reviewed and is believed to be
accurate. Nonetheless, this document is subject to change without notice. Union assumes
no responsibility for any inaccuracies that may be contained in this document, and makes
no commitment to update or to keep current the contained information, or to notify a
person or organization of any update. Union reserves the right to make changes, at any
time, in order to improve reliability, function or design and to attempt to supply the best
product possible.
Union Semiconductor, Inc
Add: 2F, No. 3, Lane 647 Songtao Road, Shanghai 201203
Tel: 021-51093966
Fax: 021-51026018
Website: www.union-ic.com


Similar Part No. - UM14243Y

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM14243Y UNIONSEMI-UM14243Y Datasheet
280Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
More results

Similar Description - UM14243Y

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM14225S UNIONSEMI-UM14225S_16 Datasheet
280Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8567 BELLING-BL8567 Datasheet
325Kb / 7P
   300mA, Wide Input Voltage, Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE557U ACE-ACE557U Datasheet
312Kb / 5P
   250mA, Low Consumption, Wide Input Voltage Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
   300mA Low Consumption Linear Regulator
VER 1.3
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE506C ACE-ACE506C Datasheet
623Kb / 8P
   300mA Low Consumption Linear Regulator
VER 1.4
logo
ON Semiconductor
NCV8715 ONSEMI-NCV8715_16 Datasheet
959Kb / 21P
   Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 6
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
   Low current consumption 300mA CMOS Voltage Regulator
logo
Diodes Incorporated
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com