Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM14242Y Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM14242Y
Description  300mA, Low Consumption, Wide Input Voltage Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM14242Y Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM14242Y Datasheet HTML 2Page - Union Semiconductor, Inc. UM14242Y Datasheet HTML 3Page - Union Semiconductor, Inc. UM14242Y Datasheet HTML 4Page - Union Semiconductor, Inc. UM14242Y Datasheet HTML 5Page - Union Semiconductor, Inc. UM14242Y Datasheet HTML 6Page - Union Semiconductor, Inc. UM14242Y Datasheet HTML 7Page - Union Semiconductor, Inc. UM14242Y Datasheet HTML 8Page - Union Semiconductor, Inc. UM14242Y Datasheet HTML 9Page - Union Semiconductor, Inc. UM14242Y Datasheet HTML 10Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.05 Dec.2013
6 / 10
UM142xx
Electrical Characteristics
(Test conditions: CIN=1.0μF, COUT=1.0μF, TA=25°C, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
12
V
VOUT
Output Voltage
VIN =Set VOUT+1V
1mA≤IOUT≤10mA
VOUT
×0.98
VOUT×
1.0
VOUT
×1.02
V
IOUT (Max.)
(Note 2)
Maximum Output Current
VIN -VOUT=1V
300
mA
VDROP
Dropout Voltage
IOUT=150mA
270
mV
Output Voltage Accuracy
IOUT=300mA
-3
+3
%
V
out
V
in·Vout
Line Regulation
IOUT=10mA
4V ≤ VDD≤ 6V
0.05
0.2
%/V
V
out
Load Regulation
VIN=Set VOUT+1V
1mA≤IOUT≤300mA
60
mV
IS
Supply Current
VIN =Set VOUT+1V
VOUT Floating
8
15
μA
V
out
T
·Vout
Output Voltage Noise
IOUT=10mA
±100
ppm/℃
PSRR
Power Supply Ripple
Rejection
F=100Hz,
Ripple=0.5Vp-p
VIN=Set VOUT+1V
60
dB
Output Noise
BW=10Hz~100KH
z
44
uVrms
Note 2: The maximum power rating of each package is constant, so along with the change of ILOAD,
the VIN-VOUT should be controlled to a certain range to ensure the normal operation.
Typical Application Circuit
Note 3: Input Capacitor (CIN=1uF) is recommended in all applications.
Note 4: Output Capacitor (COUT=1uF/6.8uF) is recommended in all applications to assure the
stability of circuit. 1uF Tantalum capacitor or 6.8uF ceramic capacitor is recommended.


Similar Part No. - UM14242Y

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM14242Y UNIONSEMI-UM14242Y Datasheet
280Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
More results

Similar Description - UM14242Y

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM14225S UNIONSEMI-UM14225S_16 Datasheet
280Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8567 BELLING-BL8567 Datasheet
325Kb / 7P
   300mA, Wide Input Voltage, Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE557U ACE-ACE557U Datasheet
312Kb / 5P
   250mA, Low Consumption, Wide Input Voltage Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
   300mA Low Consumption Linear Regulator
VER 1.3
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE506C ACE-ACE506C Datasheet
623Kb / 8P
   300mA Low Consumption Linear Regulator
VER 1.4
logo
ON Semiconductor
NCV8715 ONSEMI-NCV8715_16 Datasheet
959Kb / 21P
   Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 6
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
   Low current consumption 300mA CMOS Voltage Regulator
logo
Diodes Incorporated
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com