Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIH6121-021-0011 Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # HIH6121-021-0011
Description  Honeywell HumidIcon??Digital Humidity/Temperature Sensors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HIH6121-021-0011 Datasheet(HTML) 3 Page - Honeywell Accelerometers

  HIH6121-021-0011 Datasheet HTML 1Page - Honeywell Accelerometers HIH6121-021-0011 Datasheet HTML 2Page - Honeywell Accelerometers HIH6121-021-0011 Datasheet HTML 3Page - Honeywell Accelerometers HIH6121-021-0011 Datasheet HTML 4Page - Honeywell Accelerometers HIH6121-021-0011 Datasheet HTML 5Page - Honeywell Accelerometers HIH6121-021-0011 Datasheet HTML 6Page - Honeywell Accelerometers HIH6121-021-0011 Datasheet HTML 7Page - Honeywell Accelerometers HIH6121-021-0011 Datasheet HTML 8Page - Honeywell Accelerometers HIH6121-021-0011 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
sensing.honeywell.com
Total Error Band should not be confused with “accuracy”, which is actually
a component of Total Error Band. Many competitors simply specify the
accuracy of their device; however, the specification may exclude hysteresis
and temperature effects, and may be calculated over a very narrow range, at
only one point in the range, or at their absolute best accuracy level. It is then
up to the customer to calibrate the device to make sure it has the accuracy
needed for the life of the application.
For more information about Total Error Band, please see the related technical
note, “Explanation of the Total Error Band Specification for Honeywell’s Digital
Humidity/Temperature Sensors.”
InduStRy-leAdIng long-teRm StABIlIty
(1.2 %RH oveR fIve yeARS)*
Competitive humidity sensors need to go through a 12 hour at 75 %RH
rehydration process (which requires special equipment chambers) to correct
reflow temperature offset. Honeywell’s sensor also experiences an offset
after reflow; however, it only requires a five hour rehydration under ambient
conditions (>50 %RH). Honeywell’s industry-leading long term stability
provides the following benefits to the customer.
tRue, tempeRAtuRe-compenSAted dIgItAl I2c oR SpI
output*
This typically allows the customer to remove the components associated
with signal conditioning from the PCB to free up space and reduce costs
associated with those components (e.g., acquisition, inventory, assembly).
True, temperature-compensated digital I2C or SPI output often eliminates
problems that could occur from having multiple signal conditioning
components across the PCB, as well as simplifies integration to the
microprocessor, eliminating the need for customer-implemented, complex
signal conditioning.
Honeywell’sindustry-leadingTotalErrorBandprovidesthefollowingbenefitstothecustomer:
eliminates individually testing and calibrating every sensor, which can increase their manufacturing time
and process
• Supportssystemaccuracyandwarrantyrequirements
• Helpsto
optimize system uptime
• Provides
excellent sensor interchangeability—thecustomercan remove one sensor from the tape,
then remove the next sensor from the tape, and there is no part-to-part variation in accuracy
Honeywell’sindustry-leadinglong-termstabilityprovidesthefollowingbenefitstothecustomer:
• Minimizessystemperformanceissues
• Helpssupportsystemuptimebyeliminatingtheneedtoserviceorreplacethesensorduringitsapplicationlife
• Eliminatestheneedtoregularlyrecalibratethesensorintheirapplication,whichcanbeinconvenientandcostly


Similar Part No. - HIH6121-021-0011

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HIH6121-021-0011 HONEYWELL-HIH6121-021-0011 Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
More results

Similar Description - HIH6121-021-0011

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HIH-6130 HONEYWELL-HIH-6130 Datasheet
490Kb / 8P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
HIH6100 HONEYWELL-HIH6100 Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
Honeywell Accelerometer...
HIH6131-021-001 HONEYWELL-ACC-HIH6131-021-001 Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors HIH6100 Series ??짹4.0 %RH Accuracy
logo
Honeywell Solid State E...
HAFUHM0010L2AXT HONEYWELL-HAFUHM0010L2AXT Datasheet
713Kb / 11P
   Honeywell ZephyrTM Digital Airflow Sensors
logo
Texas Instruments
HDC2010 TI1-HDC2010 Datasheet
683Kb / 34P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensors
logo
IDEC Corporation
ABW-100-B IDEC-ABW-100-B Datasheet
3Mb / 41P
   Honeywell ZephyrTM Digital Airflow Sensors
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
   Digital Temperature and Humidity Sensor
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
   Digital relative humidity & temperature sensor
RHT05 ETC-RHT05 Datasheet
419Kb / 5P
   Digital relative humidity & temperature sensor
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
   Digital Humidity and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com