Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBM340 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBM340
Description  3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBM340 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBM340 Datasheet HTML 1Page - Diodes Incorporated SBM340 Datasheet HTML 2Page - Diodes Incorporated SBM340 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30362 Rev. 2 - 2
3 of 3
SBM340
www.diodes.com
0
1
2
3
4
0
1
2
3
4
5
6
7
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
Fig. 6 Forward Power Dissipation
T = 125°C
j
NOTE 2
NOTE 3
0
0.5
1
1.5
2.5
2
3
3.5
4
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 5 DC Forward Current Derating
Note 1
Note 2
Note 3
SBM340 = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last digit of year ex: 2 for 2002
WW = Week code 01 to 52
YYWW
SBM340
Marking Information
Notes:
1. TA = TSOLDERING POINT, RqJS = 3.4°C/W, RqSA = 0°C/W.
2. Device mounted on GETEK substrate, 2”x2”, 2 oz. copper, double-sided, cathode pad dimensions 0.75” x 1.0”, anode pad
dimensions 0.25” x 1.0”. RqJA in range of 20-40°C/W.
3. Device mounted on FR-4 substrate, 2”x2”, 2 oz. copper, single-sided, pad layout as per Diodes Inc. suggested pad layout
document AP02001 which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. RqJA in range of
95-115°C/W.
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
SBM340-13
POWERMITE
â3
5000/Tape & Reel
Ordering Information
POWERMITE is a registered trademark of Microsemi Corporation.
(Note 4)


Similar Part No. - SBM340

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBM340 DIODES-SBM340 Datasheet
396Kb / 3P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 5- 2
SBM340 DIODES-SBM340 Datasheet
121Kb / 4P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 6 - 2
SBM340-13-F DIODES-SBM340-13-F Datasheet
396Kb / 3P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 5- 2
SBM340-13-F DIODES-SBM340-13-F Datasheet
121Kb / 4P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 6 - 2
SBM340 DIODES-SBM340_1 Datasheet
396Kb / 3P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 5- 2
More results

Similar Description - SBM340

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRM360 DIODES-MBRM360 Datasheet
65Kb / 3P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30355 Rev. 2 - 2
MBRM3100 DIODES-MBRM3100 Datasheet
69Kb / 3P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30354 Rev. 3 - 1
SBM340 DIODES-SBM340_1 Datasheet
396Kb / 3P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 5- 2
MBRM360 DIODES-MBRM360_1 Datasheet
476Kb / 4P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30355 Rev. 4 - 2
MBRM360 DIODES-MBRM360_2 Datasheet
120Kb / 4P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30355 Rev. 5 - 2
SBM340 DIODES-SBM340_2 Datasheet
121Kb / 4P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 6 - 2
logo
Taiwan Semiconductor Co...
SK34A-T TSC-SK34A-T Datasheet
379Kb / 6P
   3A, 40V - 100V Surface Mount Schottky Barrier Rectifier
logo
Frontier Electronics.
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32 FRONTIER-SS32 Datasheet
124Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32A CITC-SK32A Datasheet
153Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com