Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIH6130-021-001S Datasheet(PDF) 11 Page - Honeywell Accelerometers

Part # HIH6130-021-001S
Description  Honeywell HumidIcon??Digital Humidity/Temperature Sensors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HIH6130-021-001S Datasheet(HTML) 11 Page - Honeywell Accelerometers

Back Button HIH6130-021-001S Datasheet HTML 7Page - Honeywell Accelerometers HIH6130-021-001S Datasheet HTML 8Page - Honeywell Accelerometers HIH6130-021-001S Datasheet HTML 9Page - Honeywell Accelerometers HIH6130-021-001S Datasheet HTML 10Page - Honeywell Accelerometers HIH6130-021-001S Datasheet HTML 11Page - Honeywell Accelerometers HIH6130-021-001S Datasheet HTML 12Page - Honeywell Accelerometers HIH6130-021-001S Datasheet HTML 13Page - Honeywell Accelerometers HIH6130-021-001S Datasheet HTML 14Page - Honeywell Accelerometers HIH6130-021-001S Datasheet HTML 15Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
sensing.honeywell.com
Honeywell HumidIconDigital Humidity/Temperature Sensors
figure 3. SoIc-8 Smd typical Application circuits
I2c
SpI
Digital Humidity/Temp.
Sensor
VDD
VCORE
VSS
NC
SCL
SDA
AL_L
AL_H
VSUPPLY = 2.3 Vdc to 5.5 Vdc
GND
GND
12 V
0.1 µF
0.22 µF
2.2
kOhm
83
4
5
6
1
2
7
LED
2.2
kOhm
Digital Humidity/Temp.
Sensor
VDD
VCORE
VSS
NC
SS
SCLK
MISO
AL_L
GND
0.1 µF
0.22 µF
10
kOhm
83
4
6
5
1
2
7
LED
VSUPPLY = 2.3 Vdc to 5.5 Vdc
figure 4. SoIc-8 Smd mounting dimensions, pcB landing pattern and pinout [for reference only: mm/[in].)
mounting
landing pattern
4,90
[0.193]
3,90
[0.153]
1,905
[0.075]
1,27
[0.050]
0.41
[0.016]
1
2
3
4
8
7
6
5
6,0
[0.236]
0,15
[0.006]
0,203
[0.0080]
2,055
[0.081]
8X 0,61
[0.024]
8X 2,03
[0.08]
4X 4,9
[0.193]
6X 1,27
[0.05]
pinout for I2c versions
pinout for SpI versions
pin
ASIc pad
description
pin
ASIc pad
description
1
V
CORE
connectvia0.1µFtoground
1
V
CORE
connectvia0.1µFtoground
2
V
SS
supply ground
2
V
SS
supply ground
3
SCL
I2C clock
3
SS
slave select (Input)
4
SDA
I2C data
4
SCLK
serial clock
51
AL_H
alarm output high
5
MISO
master-in-slave-out
61
AL_L
alarm output low
61
AL_L
alarm output low
7
NC
not connected externally
7
NC
not connected externally
8
V
DD
supplyvoltage,connectvia0.22µFtoground
8
V
DD
supplyvoltage,connectvia0.22µFtoground
1
DonotconnectPin(s)5and/or6ifthebuilt-inalarmfeatureisnotdesired.
1
Do not connect Pin 6 if the built-in alarm feature is not desired.
tape and Reel
4,00
[0.157]
1,50
[0.059]
1,75
[0.069]
0,29
[0.011]
13
[0.51]
330
[13,0]
17,4
[0.68]
102
[4.0]
8,00
[0.315]
12.00
[0.472]
5,50
[0.216]
2,58
[0.102]


Similar Part No. - HIH6130-021-001S

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HIH6130-021-001S HONEYWELL-HIH6130-021-001S Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
More results

Similar Description - HIH6130-021-001S

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HIH-6130 HONEYWELL-HIH-6130 Datasheet
490Kb / 8P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
HIH6100 HONEYWELL-HIH6100 Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
Honeywell Accelerometer...
HIH6131-021-001 HONEYWELL-ACC-HIH6131-021-001 Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors HIH6100 Series ??짹4.0 %RH Accuracy
logo
Honeywell Solid State E...
HAFUHM0010L2AXT HONEYWELL-HAFUHM0010L2AXT Datasheet
713Kb / 11P
   Honeywell ZephyrTM Digital Airflow Sensors
logo
Texas Instruments
HDC2010 TI1-HDC2010 Datasheet
683Kb / 34P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensors
logo
IDEC Corporation
ABW-100-B IDEC-ABW-100-B Datasheet
3Mb / 41P
   Honeywell ZephyrTM Digital Airflow Sensors
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
   Digital Temperature and Humidity Sensor
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
   Digital relative humidity & temperature sensor
RHT05 ETC-RHT05 Datasheet
419Kb / 5P
   Digital relative humidity & temperature sensor
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
   Digital Humidity and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com