Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL4050PT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBL4050PT
Description  40A SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBL4050PT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBL4050PT Datasheet HTML 1Page - Diodes Incorporated SBL4050PT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30236 Rev. A-2
1 of 2
SBL4030PT - SBL4060PT
SBL4030PT - SBL4060PT
40A SCHOTTKY BARRIER RECTIFIER
Features
A
B
E
G
J
L
M
N
P
K
S
M
H
R
D
C
TO-3P
Dim
MinMax
A
3.20
3.50
B
4.59
5.16
C
20.80
21.30
D
19.70
20.20
E
2.10
2.40
G
0.51
0.76
H
15.90
16.40
J
1.70
2.70
K
3.10Æ
3.30Æ
L
3.50
4.51
M
5.20
5.70
N
1.12
1.22
P
1.93
2.18
Q
2.97
3.22
R
11.70
12.80
S
4.30 Typical
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward
Voltage Drop
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Application
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: As Marked on Body
·
Marking: Type Number
·
Weight: 5.6 grams (approx.)
·
Mounting Position: Any
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SBL
4030PT
SBL
4035PT
SBL
4040PT
SBL
4045PT
SBL
4050PT
SBL
4060PT Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
@ TC = 100°C
(Note 1)
IO
40
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
375
A
Forward Voltage Drop
@ IF = 20A, TC = 25°C
VFM
0.58
0.70
V
Peak Reverse Current
@ TC = 25°C
at Rated DC Blocking Voltage
@ TC = 100°C
IRM
1.0
100
mA
Typical Junction Capacitance
(Note 2)
Cj
800
pF
Typical Thermal Resistance Junction to Case
(Note 1)
RqJc
1.4
°C/W
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
1. Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.


Similar Part No. - SBL4050PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL4050PT DIODES-SBL4050PT Datasheet
71Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. 3 - 2
logo
Sirectifier Semiconduct...
SBL4050PT SIRECTIFIER-SBL4050PT Datasheet
124Kb / 2P
   Low VF Schottky Barrier Rectifiers
More results

Similar Description - SBL4050PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL4030PT DIODES-SBL4030PT_1 Datasheet
71Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. 3 - 2
MBR4030PT DIODES-MBR4030PT_15 Datasheet
69Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
PS40U150CT CHONGQING-PS40U150CT Datasheet
212Kb / 1P
   40A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBR4030PT DIODES-MBR4030PT_1 Datasheet
63Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. 8 - 2
MBR4030PT DIODES-MBR4030PT Datasheet
89Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. E-2
SBL4030PT DIODES-SBL4030PT_15 Datasheet
67Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
logo
Chip Integration Techno...
CF4060CT CITC-CF4060CT Datasheet
500Kb / 3P
   40A High Power Schottky Barrier Rectifier
logo
Digitron Semiconductors
MBR4045WT DIGITRON-MBR4045WT Datasheet
142Kb / 2P
   40A SCHOTTKY RECTIFIER
MBR5025L DIGITRON-MBR5025L Datasheet
212Kb / 2P
   40A SCHOTTKY RECTIFIER
MBR4045PT DIGITRON-MBR4045PT Datasheet
149Kb / 2P
   40A SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com