Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL540 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBL540
Description  5.0A SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBL540 Datasheet(HTML) 1 Page - Diodes Incorporated

  SBL540 Datasheet HTML 1Page - Diodes Incorporated SBL540 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S23043 Rev. D-2
1 of 2
SBL530-SBL560
SBL530 - SBL560
5.0A SCHOTTKY BARRIER RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
J
G
R
Pin 1
Pin 1
Pin 2
Pin 2
Case
TO-220AC
Dim
Min
Max
A
14.22
15.88
B
9.65
10.67
C
2.54
3.43
D
5.84
6.86
E
¾
6.35
G
12.70
14.73
J
0.51
1.14
K
3.53
Æ 4.09Æ
L
3.56
4.83
M
1.14
1.40
N
0.30
0.64
P
2.03
2.92
R
4.83
5.33
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward
Voltage Drop
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Application
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Weight: 2.3 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SBL
530
SBL
535
SBL
540
SBL
545
SBL
550
SBL
560
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
(Note 1)
@ TC = 95
°C
IO
5.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
175
A
Forward Voltage Drop
@ IF = 5.0A, TC = 25
°C
VFM
0.55
0.70
V
Peak Reverse Current
@TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 100
°C
IRM
0.5
33
mA
Typical Junction Capacitance (Note 2)
Cj
500
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJC
3
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.


Similar Part No. - SBL540

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL540 DIODES-SBL540 Datasheet
75Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23043 Rev. 5 - 2
logo
Galaxy Semi-Conductor H...
SBL540 BILIN-SBL540 Datasheet
227Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
SBL540 SIRECTIFIER-SBL540 Datasheet
82Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SBL540 LUGUANG-SBL540 Datasheet
209Kb / 2P
   Schottky Barrier Rectifiers
logo
JILIN SINO-MICROELECTRO...
SBL540 JSMC-SBL540 Datasheet
223Kb / 8P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - SBL540

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB570 DIODES-SB570_1 Datasheet
55Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 5 - 2
logo
New Jersey Semi-Conduct...
SB520 NJSEMI-SB520 Datasheet
95Kb / 1P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB540 UTC-SB540 Datasheet
150Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
New Jersey Semi-Conduct...
SB570 NJSEMI-SB570 Datasheet
92Kb / 1P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
56Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 6 - 2
SB570 DIODES-SB570 Datasheet
56Kb / 2P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 4 -2
SB520 DIODES-SB520_15 Datasheet
75Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
SB520 DIODES-SB520_1 Datasheet
69Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 8 - 2
SBL530 DIODES-SBL530_1 Datasheet
75Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23043 Rev. 5 - 2
logo
Won-Top Electronics
SB520 WTE-SB520 Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com