Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V0603MHS22NA Datasheet(PDF) 4 Page - Littelfuse

Part # V0603MHS22NA
Description  MHS Varistor Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V0603MHS22NA Datasheet(HTML) 4 Page - Littelfuse

  V0603MHS22NA Datasheet HTML 1Page - Littelfuse V0603MHS22NA Datasheet HTML 2Page - Littelfuse V0603MHS22NA Datasheet HTML 3Page - Littelfuse V0603MHS22NA Datasheet HTML 4Page - Littelfuse V0603MHS22NA Datasheet HTML 5Page - Littelfuse V0603MHS22NA Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: June 28, 2010
MHS Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MHS Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/MHS.html for current information.
Product Dimensions (mm)
Note: Avoid metal runs in this area, parts are
not recommended for use in applications using
Silver (Ag) epoxy paste.
D
E
W
L
Dimension
0402 Size
0603 Size
IN
MM
IN
MM
A
0.067
1.700
0.100
2.540
B
0.020
0.510
0.030
0.760
C
0.024
0.610
0.035
0.890
D (max.)
0.024
0.600
0.040
1.000
E
0.10 +/- 0.006
0.25 +/- 0.15
0.015 +/- 0.008
0.4 +/- 0.2
L
0.039 +/- 0.004
1.00 +/- 0.10
0.063 +/- 0.006
1.6 +/- 0.15
W
0.020 +/- 0.004
0.50 +/- 0.10
0.032 +/- 0.006
0.8 +/- 0.15
PAD LAYOUT DEMENSIONS
CHIP LAYOUT DIMENSIONS
5.0
6.0
7.0
MAXIMUM TEMPERATURE 260˚C
20 - 40 SECONDS WITHIN 5˚C
PREHEAT ZONE
RAMP RATE
<3˚C/s
60 - 150 SEC
> 217˚C
Lead–free (Pb-free) Soldering Recommendations
Littelfuse offers the Nickel Barrier Termination finish for the
optimum Lead–free solder performance.
The preferred solder is 96.5/3.0/0.5 (SnAgCu) with an RMA
flux, but there is a wide selection of pastes and fluxes
available with which the Nickel Barrier parts should be
compatible.
The reflow profile must be constrained by the maximums
in the Lead–free Reflow Profile. For Lead–free wave
soldering, the Wave Solder Profile still applies.
Note: the Lead–free paste, flux and profile were used for
evaluation purposes by Littelfuse, based upon industry
standards and practices. There are multiple choices of all
three available, it is advised that the customer explores the
optimum combination for their process as processes vary
considerably from site to site.
Lead–free Re-flow Profile
Figure 10


Similar Part No. - V0603MHS22NA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V0603MHS22N LITTELFUSE-V0603MHS22N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
V0603MHS22N LITTELFUSE-V0603MHS22N Datasheet
416Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
V0603MHS22N LITTELFUSE-V0603MHS22N Datasheet
836Kb / 5P
   Surface Mount Multilayer Varistors (MLVs) > MHS Series
V0603MHS22N LITTELFUSE-V0603MHS22N Datasheet
836Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
V0603MHS22N LITTELFUSE-V0603MHS22N Datasheet
836Kb / 5P
   Surface Mount Multilayer Varistors (MLVs) > MHS Series
More results

Similar Description - V0603MHS22NA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V0603MHS03NH LITTELFUSE-V0603MHS03NH Datasheet
836Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V0603MHS22NH LITTELFUSE-V0603MHS22NH Datasheet
259Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com