Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM15335Y Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM15335Y
Description  Ultra Low Quiescent Current Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM15335Y Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM15335Y Datasheet HTML 2Page - Union Semiconductor, Inc. UM15335Y Datasheet HTML 3Page - Union Semiconductor, Inc. UM15335Y Datasheet HTML 4Page - Union Semiconductor, Inc. UM15335Y Datasheet HTML 5Page - Union Semiconductor, Inc. UM15335Y Datasheet HTML 6Page - Union Semiconductor, Inc. UM15335Y Datasheet HTML 7Page - Union Semiconductor, Inc. UM15335Y Datasheet HTML 8Page - Union Semiconductor, Inc. UM15335Y Datasheet HTML 9Page - Union Semiconductor, Inc. UM15335Y Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.04 Feb.2014
6/12
UM153xx/UM154xx
Typical Performance Characteristics
Output Voltage vs Output Current
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
0
50
100
150
200
250
300
Output Current (mA)
UM15318S,VIN=3.5V
Output Voltage vs Input Voltage
1.770
1.775
1.780
1.785
1.790
1.795
1.800
1.805
2.1 2.5 2.9 3.3 3.7 4.1 4.5 4.9 5.3 5.7
Input Voltage (V)
Iout=40mA
Iout=100mA
UM15318S
Output Voltage vs Ambient Temperature
1.770
1.780
1.790
1.800
1.810
1.820
1.830
1.840
1.850
-40 -25 -10 5
20 35 50 65 80 95
Ambient Temperature (℃)
Quiescent Current vs Ambient Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100 120
Temperature (℃)
UM15318S, VIN=3.5V
UM15318S, VIN=3.5V
Quiescent Current vs Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
UM15318S,Ta=25℃
UM15315S, VIN=3.0V
UM15318S, VIN=3.5V


Similar Part No. - UM15335Y

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15335Y UNIONSEMI-UM15335Y Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
More results

Similar Description - UM15335Y

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com