Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V0603MHS03NA Datasheet(PDF) 3 Page - Littelfuse

Part # V0603MHS03NA
Description  MHS Varistor Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V0603MHS03NA Datasheet(HTML) 3 Page - Littelfuse

  V0603MHS03NA Datasheet HTML 1Page - Littelfuse V0603MHS03NA Datasheet HTML 2Page - Littelfuse V0603MHS03NA Datasheet HTML 3Page - Littelfuse V0603MHS03NA Datasheet HTML 4Page - Littelfuse V0603MHS03NA Datasheet HTML 5Page - Littelfuse V0603MHS03NA Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: June 28, 2010
MHS Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MHS Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/MHS.html for current information.
Lead (Pb) Soldering Recommendations
The principal techniques used for the soldering of
components in surface mount technology are IR Re-flow
and Wave soldering. Typical profiles are shown on the right.
The recommended solder for the MHS suppressor is
a 62/36/2 (Sn/Pb/Ag), 60/40 (Sn/Pb) or 63/37 (Sn/Pb).
Littelfuse also recommends an RMA solder flux.
Wave soldering is the most strenuous of the processes.
To avoid the possibility of generating stresses due to
thermal shock, a preheat stage in the soldering process
is recommended, and the peak temperature of the solder
process should be rigidly controlled.
When using a reflow process, care should be taken to
ensure that the MHS chip is not subjected to a thermal
gradient steeper than 4 degrees per second; the ideal
gradient being 2 degrees per second. During the soldering
process, preheating to within 100 degrees of the solder's
peak temperature is essential to minimize thermal shock.
Once the soldering process has been completed, it is
still necessary to ensure that any further thermal shocks
are avoided. One possible cause of thermal shock is hot
printed circuit boards being removed from the solder
process and subjected to cleaning solvents at room
temperature. The boards must be allowed to cool gradually
to less than 50ºC before cleaning.
230
Reflow Solder Profile
Wave Solder Profile
Device Characteristics
At low current levels, the V-I curve of the multilayer
transient voltage suppressor approaches a linear (ohmic)
relationship and shows a temperature dependent effect.
At or below the maximum working voltage, the suppressor
is in a high resistance model (approaching 106Ω at its
maximum rated working voltage). Leakage currents at
maximum rated voltage are below 100
μA, typically 25μA;
for 0402 size below 20
μA, typically 5μA.
100%
1E-9
1E-8
SUPPRESSOR CURRENT (ADC)
10%
1E-7
1E-6
1E-5
1E-4
1E-3
1E-2
25
50
75
100
125oC
o
o
o
o
Typical Temperature Dependance of the Characteristic
Curve in the Leakage Region
Speed of Response
The Multilayer Suppressor is a leadless device. Its
response time is not limited by the parasitic lead
inductances found in other surface mount packages.
The response time of the Z
NO dielectric material is less
than 1ns and the MLE can clamp very fast dV/dT events
such as ESD. Additionally, in “real world” applications,
the associated circuit wiring is often the greatest
factor effecting speed of response. Therefore, transient
suppressor placement within a circuit can be considered
important in certain instances.
GRAINS
DEPLETION
FIRED CERAMIC
DIELECTRIC
REGION
METAL
ELECTRODES
DEPLETION
REGION
METAL END
TERMINATION
Multilayer Internal Construction
Figure 5
Figure 6
Figure 7
Figure 8


Similar Part No. - V0603MHS03NA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V0603MHS03N LITTELFUSE-V0603MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
V0603MHS03N LITTELFUSE-V0603MHS03N Datasheet
416Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
V0603MHS03N LITTELFUSE-V0603MHS03N Datasheet
836Kb / 5P
   Surface Mount Multilayer Varistors (MLVs) > MHS Series
V0603MHS03N LITTELFUSE-V0603MHS03N Datasheet
836Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
V0603MHS03N LITTELFUSE-V0603MHS03N Datasheet
836Kb / 5P
   Surface Mount Multilayer Varistors (MLVs) > MHS Series
More results

Similar Description - V0603MHS03NA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V0603MHS03NH LITTELFUSE-V0603MHS03NH Datasheet
836Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V0603MHS22NH LITTELFUSE-V0603MHS22NH Datasheet
259Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com