Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM15343S Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM15343S
Description  Ultra Low Quiescent Current Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM15343S Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM15343S Datasheet HTML 1Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 2Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 3Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 4Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 5Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 6Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 7Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 8Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.04 Feb.2014
5/12
UM153xx/UM154xx
Electrical Characteristics
VIN=+5V±10%, CIN=1μF, COUT=1μF, TA=-40°C to +85°C. Typical conditions are at VIN=5V,
TA=25°C.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
2.2
5.5
V
VOUT
Output Voltage Range
1.3
5.0
V
IQ
Quiescent Current
IOUT=0mA,VIN=5.0V
1.2
3
μA
ISHDN
Standby Current
VEN=0V
1
μA
IENH
Enable High Current
VEN=5.5V
1
μA
IENL
Enable Low Current
VEN=0V
1
μA
IOUT
Output Current
VIN≥3V
100
mA
VIN≥3.5V
200
mA
Output Voltage
Accuracy
VIN=VOUT+1V(VIN≥3V),
1mA≤IOUT≤30mA
-2.0
+2.0
%
ΔV
DO
Dropout Voltage
VOUT≤2.0V, IOUT=30mA
2.35-VOUT
V
2.0V<VOUT<2.5V,
IOUT=30mA
0.25
VOUT≥2.5V, IOUT=30mA
0.13
ILIIMT
Current Limit
300
mA
Output Voltage TC
150
ppm/
TSHDN
Thermal-Shutdown
Temperature
160
ΔT
SHDN
Thermal-Shutdown
Hysteresis
20
Line Regulation
VOUT+1V≤VIN≤5.5V
(VIN≥3V),IOUT=30mA
±0.3
±0.5
%
Load Regulation
VIN=VOUT+1V(VIN≥3V),
1mA≤I
OUT≤100mA
10
mV
Output Voltage Noise
10-100kHz, CIN=1uF,
IOUT=1mA, UM15318S
170
uVr
ms
PSRR
Power Supply Ripple
Rejection
VIN=VOUT+1V
IOUT=10mA
F=10Hz
55
dB
F=100Hz
45
F=1KHz
45


Similar Part No. - UM15343S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15343S UNIONSEMI-UM15343S Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
More results

Similar Description - UM15343S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com