Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G003I Datasheet(PDF) 1 Page - C&K Components

Part # G003I
Description  Short Stroke Pushbutton Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

G003I Datasheet(HTML) 1 Page - C&K Components

  G003I Datasheet HTML 1Page - C&K Components G003I Datasheet HTML 2Page - C&K Components G003I Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INDEXED
COLOR
G001A
BLACK
G001G
GRAY
G0011
IVORY
G001R
RED
RECTANGULAR
COLOR
G002A
BLACK
G002G
GRAY
G0021
IVORY
G002R
RED
ROUND
COLOR
G003A
BLACK
G003G
GRAY
G0031
IVORY
G003R
RED
SQUARE
COLOR
G004A
BLACK
G004G
GRAY
G0041
IVORY
G004R
RED
A-84
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
PHB Series
Short Stroke Pushbutton Switches
Features/Benefits
Momentary or latching action
Low cost, reliable contact design
2 & 4 pole configurations
Sealed contacts
Optional buttons
RoHS compliant
Typical Applications
Computers and peripherals
Instrumentation and
measurement equipment
Non-power, on-off
switch applications
Specifications
RATING: 1 A @ 15 V DC
DIELECTRIC STRENGTH (50 Hz/1 min.): 500 V DC between
terminals or between terminals and frame for 1 minute
OPERATING LIFE: 10,000 cycles at rated load
CONTACT RESISTANCE: 20 m
Ωohms initial
INSULATION RESISTANCE: 100 M
Ωohms
TOTAL TRAVEL/LATCHING TRAVEL: 2.5mm (± 0.5 mm) /
1.5mm (± 0.5 mm) to latch EE option (push-push)
OPERATING FORCE:
2U option: 170 grams ± 100 grams (1.67 ± 0.98N)
4U option: 230 grams ± 100 grams (2.26 ± 0.98N)
OPERATING TEMPERATURE: -10˚C to 60˚C
BOUNCE TIME:
≤10 ms
SEALING: Sealed contacts.
PACKAGING: Switches; Tray pack - 100 switches per tray;
Optional Caps; Bulk bag - 100 caps per bag
Materials
FIXED TERMINAL: Brass, silver plated
MOVABLE CONTACT: Phosphor bronze, silver plated
COVER: PA 66 Black
COVER TO BASE RETAINING CLIP: POM
ACTUATOR: POM
RETURN SPRING: Stainless steel
SPRING RETAINING RING: Steel, nickel plate
BASE: Phenolic resin
TERMINAL SEAL: Epoxy.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. For additional options not
shown in catalog, consult Customer Service Center.
Contact Arrangement
2U
2 Changeovers
4U
4 Changeovers
Termination
TS Straight
SN Kinked (plug in)
Mechanical Function
OA Momentary
EE
Push-push
P H B
Switch
1 A
Electrical Rating
1A
1 Amp / 15 VDC
Caps (order separately)
NEW!


Similar Part No. - G003I

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
G00310K00AB12001 VISHAY-G00310K00AB12001 Datasheet
197Kb / 3P
   Wirewound Resistors, Miniature, Industrial, Precision Power
G00310K00AB12999 VISHAY-G00310K00AB12999 Datasheet
197Kb / 3P
   Wirewound Resistors, Miniature, Industrial, Precision Power
G00310K00AE12001 VISHAY-G00310K00AE12001 Datasheet
197Kb / 3P
   Wirewound Resistors, Miniature, Industrial, Precision Power
G00310K00AE12999 VISHAY-G00310K00AE12999 Datasheet
197Kb / 3P
   Wirewound Resistors, Miniature, Industrial, Precision Power
G00310K00AE70001 VISHAY-G00310K00AE70001 Datasheet
197Kb / 3P
   Wirewound Resistors, Miniature, Industrial, Precision Power
More results

Similar Description - G003I

ManufacturerPart #DatasheetDescription
logo
C&K Components
PHA2UOA CK-COMPONENTS-PHA2UOA Datasheet
248Kb / 3P
   Short Stroke Pushbutton Switches
PHA CK-COMPONENTS-PHA Datasheet
234Kb / 4P
   Short Stroke Pushbutton Switches
PHB4UEE1A CK-COMPONENTS-PHB4UEE1A Datasheet
260Kb / 3P
   Short Stroke Pushbutton Switches
logo
ITT Industries
PHA2UOAG001A ITT-PHA2UOAG001A Datasheet
198Kb / 4P
   Short Stroke Pushbutton Switches
logo
C&K Components
PHB CK-COMPONENTS-PHB_V01 Datasheet
394Kb / 3P
   Short Stroke Pushbutton Switches
2019
logo
ITT Industries
PVA ITT-PVA Datasheet
191Kb / 3P
   Short Stroke Key Switches
logo
C&K Components
PVA CK-COMPONENTS-PVA_V01 Datasheet
291Kb / 3P
   Short Stroke Key Switches
24 may 19
PVA CK-COMPONENTS-PVA Datasheet
182Kb / 3P
   Short Stroke Key Switches
logo
Festo Corporation.
ADVC-10-5-A-P FESTO-ADVC-10-5-A-P Datasheet
90Kb / 1P
   Short-stroke cylinder
ADVC-20-5-I-P FESTO-ADVC-20-5-I-P Datasheet
86Kb / 1P
   Short-stroke cylinder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com