Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM15435S Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # UM15435S
Description  Ultra Low Quiescent Current Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM15435S Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button UM15435S Datasheet HTML 4Page - Union Semiconductor, Inc. UM15435S Datasheet HTML 5Page - Union Semiconductor, Inc. UM15435S Datasheet HTML 6Page - Union Semiconductor, Inc. UM15435S Datasheet HTML 7Page - Union Semiconductor, Inc. UM15435S Datasheet HTML 8Page - Union Semiconductor, Inc. UM15435S Datasheet HTML 9Page - Union Semiconductor, Inc. UM15435S Datasheet HTML 10Page - Union Semiconductor, Inc. UM15435S Datasheet HTML 11Page - Union Semiconductor, Inc. UM15435S Datasheet HTML 12Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.04 Feb.2014
9/12
UM153xx/UM154xx
Package Information
UM153xxS SOT23-3
Outline Drawing
D
e
e1
3
1
2
0.2
θ
c
Top View
End View
Side View
b
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.500
0.012
0.020
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.950REF
0.037REF
e1
1.800
2.000
0.071
0.079
L
0.550REF
0.022REF
L1
0.300
0.600
0.012
0.024
θ
Land Pattern
1.90
NOTES:
1. Compound dimension: 2.92×1.60;
2. Unit: mm;
3. General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation


Similar Part No. - UM15435S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15435S UNIONSEMI-UM15435S Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
More results

Similar Description - UM15435S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com