Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL1640CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBL1640CT
Description  16A SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBL1640CT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBL1640CT Datasheet HTML 1Page - Diodes Incorporated SBL1640CT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S23014 Rev. F-2
1 of 2
SBL1630CT-SBL1660CT
SBL1630CT - SBL1660CT
16A SCHOTTKY BARRIER RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
G
12 3
J
HH
Pin 1
Pin 3
Pin 2
Case
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward
Voltage Drop
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: As Marked on Body
·
Weight: 2.24 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SBL
1630CT
SBL
1635CT
SBL
1640CT
SBL
1645CT
SBL
1650CT
SBL
1660CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
(Note 1)
@ TC = 95
°C
IO
16
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
250
A
Forward Voltage Drop
@ IF = 8.0A, TC = 25
°C
VFM
0.55
0.70
V
Peak Reverse Current
@TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 100
°C
IRM
0.5
50
mA
Typical Junction Capacitance (Note 2)
Cj
700
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJc
3.5
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
TO-220AB
Dim
Min
Max
A
14.22
15.88
B
9.65
10.67
C
2.54
3.43
D
5.84
6.86
E
¾
6.35
G
12.70
14.73
H
2.29
2.79
J
0.51
1.14
K
3.53
Æ 4.09Æ
L
3.56
4.83
M
1.14
1.40
N
0.30
0.64
P
2.03
2.92
All Dimensions in mm


Similar Part No. - SBL1640CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SBL1640CT GE-SBL1640CT Datasheet
79Kb / 2P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL1640CT VISHAY-SBL1640CT Datasheet
44Kb / 3P
   Dual Schottky Barrier Rectifier
11-Feb-02
logo
GOOD-ARK Electronics
SBL1640CT GOOD-ARK-SBL1640CT Datasheet
243Kb / 3P
   Dual Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBL1640CT DIODES-SBL1640CT Datasheet
70Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
DS23014 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
SBL1640CT BILIN-SBL1640CT Datasheet
244Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SBL1640CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB1630PT WTE-SB1630PT Datasheet
49Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1630 DIODES-SBL1630 Datasheet
66Kb / 2P
   16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. C-2
logo
Won-Top Electronics
SB1620CT WTE-SB1620CT Datasheet
39Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
SB1630 WTE-SB1630 Datasheet
48Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1630PT DIODES-SBL1630PT_15 Datasheet
63Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
SBL1630CT DIODES-SBL1630CT_1 Datasheet
70Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
DS23014 Rev. 7 - 2
logo
SemiWell Semiconductor
F16M40CT SEMIWELL-F16M40CT Datasheet
165Kb / 3P
   16A Schottky Barrier Rectifier
P16M40CT SEMIWELL-P16M40CT Datasheet
157Kb / 3P
   16A Schottky Barrier Rectifier
logo
Diodes Incorporated
SBL1630 DIODES-SBL1630_1 Datasheet
75Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. 4 - 2
SBL1640CT DIODES-SBL1640CT Datasheet
93Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com