Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL1635CT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBL1635CT
Description  16A SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBL1635CT Datasheet(HTML) 2 Page - Diodes Incorporated

  SBL1635CT Datasheet HTML 1Page - Diodes Incorporated SBL1635CT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S23014 Rev. F-2
2 of 2
SBL1630CT-SBL1660CT
0.1
1.0
10
40
0.1
0.3
0.5
0.7
0.9
1.1
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Voltage
F
SBL1630 - SBL1645
SBL1645 - SBL1660
T = 25 C
Pulse width = 300 s
2% duty cycle
j
°
µ
50
100
150
0
200
250
300
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3ms single half-sine-wave
JEDEC method
100
1000
4000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
T = 25 C
j
°
0.01
0.1
1.0
10
100
0
40
80
120
PERCENT OF PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics
T = 100 C
j
°
T = 75 C
j
°
T = 25 C
j
°
0
4
8
12
16
20
0
50
100
150
T , CASE TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
C


Similar Part No. - SBL1635CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1635CT DIODES-SBL1635CT Datasheet
70Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
DS23014 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
SBL1635CT BILIN-SBL1635CT Datasheet
244Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
SBL1635CT SIRECTIFIER-SBL1635CT Datasheet
103Kb / 2P
   Low VF Schottky Barrier Rectifiers
More results

Similar Description - SBL1635CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB1630PT WTE-SB1630PT Datasheet
49Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1630 DIODES-SBL1630 Datasheet
66Kb / 2P
   16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. C-2
logo
Won-Top Electronics
SB1620CT WTE-SB1620CT Datasheet
39Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
SB1630 WTE-SB1630 Datasheet
48Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1630PT DIODES-SBL1630PT_15 Datasheet
63Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
SBL1630CT DIODES-SBL1630CT_1 Datasheet
70Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
DS23014 Rev. 7 - 2
logo
SemiWell Semiconductor
F16M40CT SEMIWELL-F16M40CT Datasheet
165Kb / 3P
   16A Schottky Barrier Rectifier
P16M40CT SEMIWELL-P16M40CT Datasheet
157Kb / 3P
   16A Schottky Barrier Rectifier
logo
Diodes Incorporated
SBL1630 DIODES-SBL1630_1 Datasheet
75Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. 4 - 2
SBL1640CT DIODES-SBL1640CT Datasheet
93Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com