Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-47-7536 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 15-47-7536
Description  2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

15-47-7536 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  15-47-7536 Datasheet HTML 1Page - Molex Electronics Ltd. 15-47-7536 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
2.5A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
245
Material Info
Old Part Number
A-70568-0016
Reference - Drawing Numbers
Product Specification
PS-70567
Sales Drawing
SDA-70568-****
This document was generated on 12/26/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 15-47-7536

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-47-7536 MOLEX2-15-47-7536 Datasheet
388Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 36 Circuits, Tin (Sn) Plating
15-47-7536 MOLEX2-15-47-7536 Datasheet
388Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 6 Circuits, Tin (Sn) Plating
More results

Similar Description - 15-47-7536

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-47-7512 MOLEX11-15-47-7512 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7518 MOLEX11-15-47-7518 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7520 MOLEX11-15-47-7520 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7542 MOLEX11-15-47-7542 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7548 MOLEX11-15-47-7548 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7762 MOLEX11-15-47-7762 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7766 MOLEX11-15-47-7766 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7506 MOLEX11-15-47-7506 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7550 MOLEX11-15-47-7550 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7560 MOLEX11-15-47-7560 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7562 MOLEX11-15-47-7562 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com