Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1UE263RKVF Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP1UE263RKVF
Description  Low Voltage Operation,Anti Electromagnetic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UE263RKVF Datasheet(HTML) 5 Page - Sharp Corporation

  GP1UE263RKVF Datasheet HTML 1Page - Sharp Corporation GP1UE263RKVF Datasheet HTML 2Page - Sharp Corporation GP1UE263RKVF Datasheet HTML 3Page - Sharp Corporation GP1UE263RKVF Datasheet HTML 4Page - Sharp Corporation GP1UE263RKVF Datasheet HTML 5Page - Sharp Corporation GP1UE263RKVF Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Sheet No.: OP06006
GND
(Circuit parameters)
CO
Ve
VO
GND
VCC
VOUT
R1
The circuit constant is a example. It is difference from mounting equipment. Please select it by your mounting equipment.
Please be carefully not to apply exceeding the absolute maximum ratings of applying voltage and continuous high voltage spike
3. Pay attention to a malfunction of the light detecting unit when the surface is stained with dust and refuse.
Care must be taken not to touch the light detector surface.
4. The shield case should be grounded on PCB pattern.
(The area across the shield case and the GND terminal is internally non-conductive.)
5. Do not apply unnecessary force to the terminal and the case.
6. Do not push the light detector surface (photodiode) from outside.
9. External Circuit Examples (Mount the outer parts as near the unit as possible).
Precautions for Operation
t1
t2
t3
tn
TON
Transmitting time for 1 block:T
1. When this infrared remote control detecting unit shall be adopted for wireless remote control, please use the following signal format .
(NEC code,RC-6code etc.)
Total duty ratio Dt (Emitting time  tN / Transmitting time for 1 block T) : 40% or less.
Σ
n
N=1
ON signal time and OFF signal time
Supply Voltage
ON signal time per 1bit
OFF signal time per 1bit
Vcc
200μs or more
tON
tOFF
2.7 to 3.0V
3.0 to 5.5V
400μs or more
300μs or more
In case the signal format of total duty and/or ON/OFF signal time dosen`t meet the conditions noted above, there is a
case that reception distance much reduces or output dose not appear.
Dt =(Σ
tN /T)×100 (%)
n
N=1
2. Use the light emitting unit (remote control transmitter), in consideration of performance, characteristics, operating conditions of
light emitting device and the characteristics of the light detecting unit.
If it should be dirty, wipe off such dust and refuse with soft cloth so as to prevent scratch. In case some solvents are required, use
methyl alcohol, ethyl alcohol or isopropyl alcohol only.
Also, protect the light detecting unit against flux and others, since their deposition on the unit inside causes reduction of the
function, fading of markings such as the part number.
7. To avoid the electrostatic breakdown of IC, handle the unit under the condition of grounding with human body, soldering iron, etc.
8. Do not use hole and groove set in the case of the light detecting unit for other purposes, since they are required to maintain the
specified performance.
R1=47Ω±5%
C1=47μF
In setting R1 and C1, use suitable values after considering under the real condition
This device has a transistor as protection element between VCC and GND to improve anti-static electricity proof.
noise because there is cases that transistor will be short by secondary breakdown generally. In order to do difficultly, Please add CR
filter(47Ω(1/10W), 10μF or more)such as external circuit example above near VCC.
GP1UE26RK0VF/GP1UE27RK0VF Series
GP1UE28RK0VF/GP1UE28QK0VF Series
+


Similar Part No. - GP1UE263RKVF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1UE260XK SHARP-GP1UE260XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
GP1UE261XK SHARP-GP1UE261XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
GP1UE262XK SHARP-GP1UE262XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
GP1UE267XK SHARP-GP1UE267XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
GP1UE26XK SHARP-GP1UE26XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
More results

Similar Description - GP1UE263RKVF

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5712ANDL0-M3T1U SII-S-5712ANDL0-M3T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
logo
Hotchip Technology Co.,...
HT5125F HOTCHIP-HT5125F Datasheet
856Kb / 5P
   Low voltage operation
logo
Hamamatsu Corporation
S10317_ETC_KPIC1067E04 HAMAMATSU-S10317_ETC_KPIC1067E04 Datasheet
368Kb / 5P
   Low voltage operation
logo
CML Microcircuits
DB829 CMLMICRO-DB829 Datasheet
284Kb / 29P
   Low Voltage Operation
logo
Shenzhen Huazhimei Semi...
HM24C128 HMSEMI-HM24C128 Datasheet
584Kb / 15P
   Low-voltage Operation
logo
Hotchip Technology Co.,...
HT5115 HOTCHIP-HT5115 Datasheet
757Kb / 4P
   Low voltage operation
logo
Infineon Technologies A...
BFR360L3 INFINEON-BFR360L3_13 Datasheet
611Kb / 8P
   Low voltage/ Low current operation
2013-09-03
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
   Low voltage operation (2.5V)
AMS431LV AMS-AMS431LV Datasheet
600Kb / 8P
   Low voltage operation (2.5V)
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
   Low-voltage operation photo IC Operation at low voltage from 2.2 V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com