Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM810LS Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM810LS
Description  3-Pin Microprocessor Reset Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM810LS Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM810LS Datasheet HTML 3Page - Union Semiconductor, Inc. UM810LS Datasheet HTML 4Page - Union Semiconductor, Inc. UM810LS Datasheet HTML 5Page - Union Semiconductor, Inc. UM810LS Datasheet HTML 6Page - Union Semiconductor, Inc. UM810LS Datasheet HTML 7Page - Union Semiconductor, Inc. UM810LS Datasheet HTML 8Page - Union Semiconductor, Inc. UM810LS Datasheet HTML 9Page - Union Semiconductor, Inc. UM810LS Datasheet HTML 10Page - Union Semiconductor, Inc. UM810LS Datasheet HTML 11Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Dec.2013
7/15
UM809/810
Detailed Description
A microprocessor’s (µP’s) reset input starts the µP in a known state. The UM809/810 assert reset
to prevent code-execution errors during power-up, power-down, or brownout conditions. They
assert a reset signal whenever the VCC supply voltage declines below a preset threshold, keeping it
asserted for at least 140ms after VCC has risen above the reset threshold. The UM809/810 have a
push-pull output stage.
Applications Information
VCC Transient Rejection
In addition to issuing a reset to the µP during power-up, power-down, and brownout conditions,
the UM809/810 are relatively immune to short-duration negative-going VCC transients (glitches).
Figure 7 shows typical transient duration vs. reset comparator overdrive, for which the
UM809/810 do not generate a reset pulse. The graph was generated using a negative-going pulse
applied to VCC, starting 0.5V above the actual reset threshold and ending below it by the
magnitude indicated (reset comparator overdrive). The graph indicates the maximum pulse width
a negative-going VCC transient can have without causing a reset pulse. As the magnitude of the
transient increases (goes farther below the reset threshold), the maximum allowable pulse width
decreases. Typically, for the UM8_L and UM8_M, a VCC transient that goes 100mV below the
reset threshold and lasts 20µs or less will not cause a reset pulse. A 0.1µF bypass capacitor
mounted as close as possible to the VCC pin provides additional transient immunity.
Figure 7. Maximum Transient Duration vs Overdrive for Glitch Rejection at 25℃
Output signal integrity during power down
When VCC falls below 1V, the UM809 RESET
_____________
output no longer sinks current—it becomes an
open circuit. Therefore, high-impedance CMOS logic inputs connected to RESET
_____________
can drift to
undetermined voltages. This presents no problem in most applications since most µP and other
circuitry is inoperative with VCC below 1V. However, in applications where RESET
_____________
must be
valid down to 0V, adding a pull-down resistor to RESET
_____________
causes any stray leakage currents to


Similar Part No. - UM810LS

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM810LS UNIONSEMI-UM810LS Datasheet
408Kb / 14P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - UM810LS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com