Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM809YP Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM809YP
Description  3-Pin Microprocessor Reset Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM809YP Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM809YP Datasheet HTML 1Page - Union Semiconductor, Inc. UM809YP Datasheet HTML 2Page - Union Semiconductor, Inc. UM809YP Datasheet HTML 3Page - Union Semiconductor, Inc. UM809YP Datasheet HTML 4Page - Union Semiconductor, Inc. UM809YP Datasheet HTML 5Page - Union Semiconductor, Inc. UM809YP Datasheet HTML 6Page - Union Semiconductor, Inc. UM809YP Datasheet HTML 7Page - Union Semiconductor, Inc. UM809YP Datasheet HTML 8Page - Union Semiconductor, Inc. UM809YP Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Dec.2013
4/15
UM809/810
Electrical Characteristics (Continued)
VCC = full range, TA = -40°C to +105°C (SOT23) or TA = -40°C to +125°C (SC70), unless
otherwise noted. Typical values are at TA =+25°C, VCC = 5V for L/M/J versions, VCC = 3.3V for
T/S versions, VCC = 3V for R version, and VCC = 2.5V for Z version. (Note 1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Un
it
VTH
Reset Threshold
SC70 only)
UM8_L
TA=+25℃
4.56
4.63
4.70
V
TA=-40℃ to + 85℃
4.50
4.75
TA=-40℃ to + 125℃
4.44
4.82
UM8_M
TA=+25℃
4.31
4.38
4.45
TA=-40℃ to + 85℃
4.25
4.50
TA=-40℃ to + 125℃
4.20
4.56
UM8_J
TA=+25℃
3.93
4.00
4.06
TA=-40℃ to + 85℃
3.89
4.10
TA=-40℃ to + 125℃
3.84
4.16
UM8_T
TA=+25℃
3.04
3.08
3.11
TA=-40℃ to + 85℃
3.00
3.15
TA=-40℃ to + 125℃
2.92
3.23
UM8_S
TA=+25℃
2.89
2.93
2.96
TA=-40℃ to + 85℃
2.85
3.00
TA=-40℃ to + 125℃
2.81
3.05
UM8_R
TA=+25℃
2.59
2.63
2.66
TA=-40℃ to + 85℃
2.55
2.70
TA=-40℃ to + 125℃
2.52
2.74
UM8_Z
TA=+25℃
2.28
2.32
2.35
TA=-40℃ to + 85℃
2.25
2.38
TA=-40℃ to + 125℃
2.22
2.42
Reset Threshold Tempco
30
ppm
/℃
VCC to Reset Delay(Note 2)
VCC=VTH to ( VTH – 100mV )
10
us
Reset Active Timeout Period
SOT23 Version)
TA=-40
to + 85
℃℃
140
240
560
ms
TA=+85
to + 105
℃℃
140
840
Reset Active Timeout Period
SC70 Version)
TA=-40
to + 85
℃℃
140
240
460
ms
TA=+85
to + 1
25℃
140
840
VOL
Output Voltage Low
(push-pull active low UM809)
VCC=VTH min, ISINK=1.2mA,
UM809R/S/T/Z
0.3
V
VCC=VTH min, ISINK=3.2mA,
UM809J/L/M
0.4
VCC≤1.0V, ISINK=50μA
0.3
VOH
Output Voltage High
(push-pull active low UM809)
VCC>VTH max, ISOURCE=500μA,
UM809R/S/T/Z
0.8VCC
V
VCC>VTH max, ISOURCE=800μA,
UM809J/L/M
VCC
1.5
VOL
RESET Output Voltage Low
(push-pull active high,
UM810)
VCC=VTH max, ISINK=1.2mA,
UM810R/S/T/Z
0.3
V
VCC=VTH max, ISINK=3.2mA,
UM810J/L/M
0.4
VOH
RESET Output Voltage High
(push-pull active high,
UM810)
1.8V < VCC < VTH min,
ISOURCE = 150µA
0.8VCC
V
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design only.
Note 2: RESET
_____________
output for UM809; RESET output for UM810.


Similar Part No. - UM809YP

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM809YP UNIONSEMI-UM809YP Datasheet
408Kb / 14P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - UM809YP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com