Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM7128S Datasheet(PDF) 4 Page - Altera Corporation

Part # EPM7128S
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7128S Datasheet(HTML) 4 Page - Altera Corporation

  EPM7128S Datasheet HTML 1Page - Altera Corporation EPM7128S Datasheet HTML 2Page - Altera Corporation EPM7128S Datasheet HTML 3Page - Altera Corporation EPM7128S Datasheet HTML 4Page - Altera Corporation EPM7128S Datasheet HTML 5Page - Altera Corporation EPM7128S Datasheet HTML 6Page - Altera Corporation EPM7128S Datasheet HTML 7Page - Altera Corporation EPM7128S Datasheet HTML 8Page - Altera Corporation EPM7128S Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
4
Altera Corporation
MAX 7000 Programmable Logic Device Family Data Sheet
The MAX 7000E devices—including the EPM7128E, EPM7160E,
EPM7192E, and EPM7256E devices—have several enhanced features:
additional global clocking, additional output enable controls, enhanced
interconnect resources, fast input registers, and a programmable slew
rate.
In-system programmable MAX 7000 devices—called MAX 7000S
devices—include the EPM7032S, EPM7064S, EPM7128S, EPM7160S,
EPM7192S, and EPM7256S devices. MAX 7000S devices have the
enhanced features of MAX 7000E devices as well as JTAG BST circuitry in
devices with 128 or more macrocells, ISP, and an open-drain output
option. See Table 4.
Notes:
(1)
Available only in EPM7128S, EPM7160S, EPM7192S, and EPM7256S devices only.
(2)
The MultiVolt I/O interface is not available in 44-pin packages.
Table 4. MAX 7000 Device Features
Feature
EPM7032
EPM7064
EPM7096
All
MAX 7000E
Devices
All
MAX 7000S
Devices
ISP via JTAG interface
v
JTAG BST circuitry
v(1)
Open-drain output option
v
Fast input registers
vv
Six global output enables
vv
Two global clocks
vv
Slew-rate control
vv
MultiVolt interface (2)
vv
v
Programmable register
vv
v
Parallel expanders
vv
v
Shared expanders
vv
v
Power-saving mode
vv
v
Security bit
vv
v
PCI-compliant devices available
vv
v


Similar Part No. - EPM7128S

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128S ALTERA-EPM7128S Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128S ALTERA-EPM7128S Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128S ALTERA-EPM7128S Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128S ALTERA-EPM7128S Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128S ALTERA-EPM7128S Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7128S

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com