Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM706SS Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM706SS
Description  Supply Voltage Supervisor w/Watchdog Input and Manual Reset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM706SS Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM706SS Datasheet HTML 3Page - Union Semiconductor, Inc. UM706SS Datasheet HTML 4Page - Union Semiconductor, Inc. UM706SS Datasheet HTML 5Page - Union Semiconductor, Inc. UM706SS Datasheet HTML 6Page - Union Semiconductor, Inc. UM706SS Datasheet HTML 7Page - Union Semiconductor, Inc. UM706SS Datasheet HTML 8Page - Union Semiconductor, Inc. UM706SS Datasheet HTML 9Page - Union Semiconductor, Inc. UM706SS Datasheet HTML 10Page - Union Semiconductor, Inc. UM706SS Datasheet HTML 11Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 May.2014
7/15
UM706xS/UM708xS
Typical Operating Characteristics
RESET
______________
Output Voltage vs. Supply Voltage
RESET
______________
Response Time
Power-fail Comparator Assertion
Power-fail Comparator De-assertion
Response Time
Response Time
(a)
(b)
(c)
(d)
VCC
RESET
_____________
2V/div
2V/div
500ms/div
PFO
_________
PFI
2V/div
1V/div
200ns/div
PFO
_________
PFI
2V/div
1V/div
200ns/div
VCC
RESET
_____________
2V/div
2V/div
1μs/div
-
+
1kΩ
30pF
PFI
+5V
PFO
+1.25V
(a)
(b)
(c)
(d)
VCC
GND
RESET
2kΩ
330pF
VCC
RESET
VCC
GND
RESET
10kΩ
30pF
VCC
RESET
-
+
1kΩ
30pF
PFI
+5V
PFO
+1.25V


Similar Part No. - UM706SS

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM706SS UNIONSEMI-UM706SS Datasheet
593Kb / 17P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
More results

Similar Description - UM706SS

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
   Voltage Supervisor with Manual Reset Input
2007
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com