Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM491 Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM491
Description  짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM491 Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM491 Datasheet HTML 1Page - Union Semiconductor, Inc. UM491 Datasheet HTML 2Page - Union Semiconductor, Inc. UM491 Datasheet HTML 3Page - Union Semiconductor, Inc. UM491 Datasheet HTML 4Page - Union Semiconductor, Inc. UM491 Datasheet HTML 5Page - Union Semiconductor, Inc. UM491 Datasheet HTML 6Page - Union Semiconductor, Inc. UM491 Datasheet HTML 7Page - Union Semiconductor, Inc. UM491 Datasheet HTML 8Page - Union Semiconductor, Inc. UM491 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Aug.2013
4/17
UM488/UM491
DC Electrical Characteristics (Continued)
(VCC = +5V ± 5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V
and TA = +25°C.) (Note 1)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
RECEIVER
Receiver Differential
Threshold Voltage
V
TH
-7V≤VCM≤12V
-200
-125
-50
mV
Receiver Input Hysteresis
Δ
 
V
TH
25
mV
Receiver Output High Voltage
V
OH
I
O = -4mA, VID = -50mV
VCC
-1.5
V
Receiver Output Low Voltage
V
OL
I
O = 4mA, VID = -200mV
0.4
V
Three-State Output Current at
Receiver
I
OZR
0.4V ≤ V
O ≤ 2.4V
±1
µA
Receiver Input Resistance
R
IN
-7V≤V
CM≤12V
96
KΩ
Receiver Output Short Circuit
Current
I
OSR
0V≤V
RO ≤VCC
±7
±95
mA
SUPPLY CURRENT
Supply Current
I
CC
No load,
RE
_______
= DI =
GND
or V
CC
DE = V
CC
430
900
µA
DE = GND
375
600
Supply Current in Shutdown
Mode
I
SHDN
DE = GND, V
RE = VCC
0.001
10
µA
ESD Protection for Y, Z, A, B
Human Body Model
±15
kV
Note 1: All currents into the device are positive; all currents out of the device are negative. All
voltages are referred to device ground unless otherwise noted.
Note 2: ΔVOD and ΔVOC are the changes in VOD and VOC, respectively, when the DI input
changes state.
Note 3: Maximum current level applies to peak current just prior to foldback-current limiting;
minimum current level applies during current limiting.


Similar Part No. - UM491

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM491 UNIONSEMI-UM491 Datasheet
363Kb / 17P
   Enhanced Slew-Rate Limiting Facilitates Error-Free Data Transmission
UM491EEPE UNIONSEMI-UM491EEPE Datasheet
363Kb / 17P
   Enhanced Slew-Rate Limiting Facilitates Error-Free Data Transmission
UM491EESE UNIONSEMI-UM491EESE Datasheet
363Kb / 17P
   Enhanced Slew-Rate Limiting Facilitates Error-Free Data Transmission
More results

Similar Description - UM491

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3060E MAXIM-MAX3060E_V01 Datasheet
2Mb / 17P
   짹15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
2018
logo
SHANGHAI BELLING CO., L...
BL3085A BELLING-BL3085A Datasheet
728Kb / 8P
   High ESD-Protected, Fail-Safe, Slew-Rate-Limited
BL3085B BELLING-BL3085B Datasheet
218Kb / 8P
   High ESD-Protected, Fail-Safe, Slew-Rate-Limited
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_07 Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com