Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM7256AE Datasheet(PDF) 7 Page - Altera Corporation

Part # EPM7256AE
Description  Programmable Logic Device
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7256AE Datasheet(HTML) 7 Page - Altera Corporation

Back Button EPM7256AE Datasheet HTML 3Page - Altera Corporation EPM7256AE Datasheet HTML 4Page - Altera Corporation EPM7256AE Datasheet HTML 5Page - Altera Corporation EPM7256AE Datasheet HTML 6Page - Altera Corporation EPM7256AE Datasheet HTML 7Page - Altera Corporation EPM7256AE Datasheet HTML 8Page - Altera Corporation EPM7256AE Datasheet HTML 9Page - Altera Corporation EPM7256AE Datasheet HTML 10Page - Altera Corporation EPM7256AE Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Altera Corporation
7
MAX 7000A Programmable Logic Device Data Sheet
Figure 1. MAX 7000A Device Block Diagram
Note:
(1)
EPM7032AE, EPM7064AE, EPM7128A, EPM7128AE, EPM7256A, and EPM7256AE devices have six output enables.
EPM7512AE devices have 10 output enables.
Logic Array Blocks
The MAX 7000A device architecture is based on the linking of
high-performance LABs. LABs consist of 16-macrocell arrays, as shown in
Figure 1. Multiple LABs are linked together via the PIA, a global bus that
is fed by all dedicated input pins, I/O pins, and macrocells.
Each LAB is fed by the following signals:
36 signals from the PIA that are used for general logic inputs
Global controls that are used for secondary register functions
Direct input paths from I/O pins to the registers that are used for fast
setup times
6
6
INPUT/GCLRn
6 or 10 Output Enables
(1)
6 or 10 Output Enables
(1)
16
36
36
16
I/O
Control
Block
LAB C
LAB D
I/O
Control
Block
6
16
36
36
16
I/O
Control
Block
LAB A
Macrocells
1 to 16
LAB B
I/O
Control
Block
6
PIA
INPUT/GCLK1
INPUT/OE2/GCLK2
INPUT/OE1
2 to 16 I/O
2 to 16 I/O
2 to 16 I/O
2 to 16 I/O
2 to 16
2 to 16
2 to 16
2 to 16
2 to 16
2 to 16
2 to 16
2 to 16
2 to 16
2 to 16
2 to 16
2 to 16
Macrocells
17 to 32
Macrocells
33 to 48
Macrocells
49 to 64


Similar Part No. - EPM7256AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7256AE ALTERA-EPM7256AE Datasheet
943Kb / 60P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results

Similar Description - EPM7256AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
   Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
   Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
   Programmable Logic Device
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AEQI208-7N ALTERA-EPM7256AEQI208-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com