Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM7256AE Datasheet(PDF) 5 Page - Altera Corporation

Part # EPM7256AE
Description  Programmable Logic Device
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7256AE Datasheet(HTML) 5 Page - Altera Corporation

  EPM7256AE Datasheet HTML 1Page - Altera Corporation EPM7256AE Datasheet HTML 2Page - Altera Corporation EPM7256AE Datasheet HTML 3Page - Altera Corporation EPM7256AE Datasheet HTML 4Page - Altera Corporation EPM7256AE Datasheet HTML 5Page - Altera Corporation EPM7256AE Datasheet HTML 6Page - Altera Corporation EPM7256AE Datasheet HTML 7Page - Altera Corporation EPM7256AE Datasheet HTML 8Page - Altera Corporation EPM7256AE Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Altera Corporation
5
MAX 7000A Programmable Logic Device Data Sheet
MAX 7000A devices use CMOS EEPROM cells to implement logic
functions. The user-configurable MAX 7000A architecture accommodates
a variety of independent combinatorial and sequential logic functions.
The devices can be reprogrammed for quick and efficient iterations
during design development and debug cycles, and can be programmed
and erased up to 100 times.
MAX 7000A devices contain from 32 to 512 macrocells that are combined
into groups of 16 macrocells, called logic array blocks (LABs). Each
macrocell has a programmable-AND/fixed-OR array and a configurable
register with independently programmable clock, clock enable, clear, and
preset functions. To build complex logic functions, each macrocell can be
supplemented with both shareable expander product terms and high-
speed parallel expander product terms, providing up to 32 product terms
per macrocell.
MAX 7000A devices provide programmable speed/power optimization.
Speed-critical portions of a design can run at high speed/full power,
while the remaining portions run at reduced speed/low power. This
speed/power optimization feature enables the designer to configure one
or more macrocells to operate at 50% or lower power while adding only a
nominal timing delay. MAX 7000A devices also provide an option that
reduces the slew rate of the output buffers, minimizing noise transients
when non-speed-critical signals are switching. The output drivers of all
MAX 7000A devices can be set for 2.5 V or 3.3 V, and all input pins are
2.5-V, 3.3-V, and 5.0-V tolerant, allowing MAX 7000A devices to be used
in mixed-voltage systems.
MAX 7000A devices are supported by Altera development systems,
which are integrated packages that offer schematic, text—including
VHDL, Verilog HDL, and the Altera Hardware Description Language
(AHDL)—and waveform design entry, compilation and logic synthesis,
simulation and timing analysis, and device programming. The software
provides EDIF 2 0 0 and 3 0 0, LPM, VHDL, Verilog HDL, and other
interfaces for additional design entry and simulation support from other
industry-standard PC- and UNIX-workstation-based EDA tools. The
software runs on Windows-based PCs, as well as Sun SPARCstation, and
HP 9000 Series 700/800 workstations.
f For more information on development tools, see the MAX+PLUS II
Programmable Logic Development System & Software Data Sheet and the
Quartus Programmable Logic Development System & Software Data Sheet.


Similar Part No. - EPM7256AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7256AE ALTERA-EPM7256AE Datasheet
943Kb / 60P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results

Similar Description - EPM7256AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
   Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
   Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
   Programmable Logic Device
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AEQI208-7N ALTERA-EPM7256AEQI208-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com