Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM7064SLC44-7N Datasheet(PDF) 1 Page - Altera Corporation

Part # EPM7064SLC44-7N
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7064SLC44-7N Datasheet(HTML) 1 Page - Altera Corporation

  EPM7064SLC44-7N Datasheet HTML 1Page - Altera Corporation EPM7064SLC44-7N Datasheet HTML 2Page - Altera Corporation EPM7064SLC44-7N Datasheet HTML 3Page - Altera Corporation EPM7064SLC44-7N Datasheet HTML 4Page - Altera Corporation EPM7064SLC44-7N Datasheet HTML 5Page - Altera Corporation EPM7064SLC44-7N Datasheet HTML 6Page - Altera Corporation EPM7064SLC44-7N Datasheet HTML 7Page - Altera Corporation EPM7064SLC44-7N Datasheet HTML 8Page - Altera Corporation EPM7064SLC44-7N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
®
Altera Corporation
1
MAX 7000
Programmable Logic
Device Family
September 2005, ver. 6.7
Data Sheet
DS-MAX7000-6.7
Features...
High-performance, EEPROM-based programmable logic devices
(PLDs) based on second-generation MAX® architecture
5.0-V in-system programmability (ISP) through the built-in
IEEE Std. 1149.1 Joint Test Action Group (JTAG) interface available in
MAX 7000S devices
ISP circuitry compatible with IEEE Std. 1532
Includes 5.0-V MAX 7000 devices and 5.0-V ISP-based MAX 7000S
devices
Built-in JTAG boundary-scan test (BST) circuitry in MAX 7000S
devices with 128 or more macrocells
Complete EPLD family with logic densities ranging from 600 to
5,000 usable gates (see Tables 1 and 2)
5-ns pin-to-pin logic delays with up to 175.4-MHz counter
frequencies (including interconnect)
PCI-compliant devices available
f For information on in-system programmable 3.3-V MAX 7000A or 2.5-V
MAX 7000B devices, see the MAX 7000A Programmable Logic Device Family
Data Sheet or the MAX 7000B Programmable Logic Device Family Data
Sheet.
Table 1. MAX 7000 Device Features
Feature
EPM7032
EPM7064
EPM7096
EPM7128E
EPM7160E
EPM7192E
EPM7256E
Usable
gates
600
1,250
1,800
2,500
3,200
3,750
5,000
Macrocells
32
64
96
128
160
192
256
Logic array
blocks
246
8
10
12
16
Maximum
user I/O pins
36
68
76
100
104
124
164
tPD (ns)
6
6
7.5
7.5
10
12
12
tSU (ns)
5
5
6677
7
tFSU (ns)
2.5
2.5
3333
3
tCO1 (ns)
4
4
4.5
4.5
5
6
6
fCNT (MHz)
151.5
151.5
125.0
125.0
100.0
90.9
90.9


Similar Part No. - EPM7064SLC44-7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7064SLC44-7 ALTERA-EPM7064SLC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7064SLC44-7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com