Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1330S-25 Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UM1330S-25
Description  150mA, Low Noise, Low Dropout Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1330S-25 Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UM1330S-25 Datasheet HTML 1Page - Union Semiconductor, Inc. UM1330S-25 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1330S-25 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1330S-25 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1330S-25 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1330S-25 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1330S-25 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1330S-25 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1330S-25 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Apr.2014
1/14
UM1330
150mA, Low Noise, Low Dropout Regulator
UM1330S-xx SOT23-5
UM1330P-xx SOT353
UM1330DA-xx DFN6 2.0×2.0
General Description
The UM1330 series are 150mA low dropout regulators design for portable application. A 2.7V to
5.5V input operating voltage range, making them ideal for operation from a single cell lithium ion
battery or fixed 3.3V and 5V systems. With low output noise (56μVRMS) and high PSRR
(-58dB@1kHz), the UM1330 series are ideal for noise sensitive applications such as RF. While
the fast transient response and active shutdown circuitry make them well-suited for powering
mixed signal circuitry.
Other features include stability with ultra low ESR ceramic capacitors as small as 1μF, thermal
overload protection, output current limiting and auto discharge the output voltage when disabled.
The UM1330 series are available in low profile SOT23-5, SOT353 and DFN6 2.0×2.0 packages.
Applications
Features
Cellular Phones
GPS Receivers
Wireless Sensor Network
Wireless LAN
Input voltage range: 2.7V to 5.5V
Low dropout voltage:
170mV at 150mA
Low quiescent current: 88μA
Low noise: 56μVRMS
High PSRR: – 58dB at 1kHz
Fast transient response
Active shutdown
Stable with ceramic output capacitors
Low profile SOT23-5, SOT353 and DFN6
2.0×2.0 packages
Typical Application Circuit
VIN
VOUT
GND
EN
UM1330
VIN
VOUT
Chip Enable
BYP
1uF
1uF
0.01uF


Similar Part No. - UM1330S-25

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1330S-25 UNIONSEMI-UM1330S-25 Datasheet
636Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results

Similar Description - UM1330S-25

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC8878 ETC1-AMC8878 Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330_15 Datasheet
636Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com