Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF10K70 Datasheet(PDF) 3 Page - Altera Corporation

Part # EPF10K70
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K70 Datasheet(HTML) 3 Page - Altera Corporation

  EPF10K70 Datasheet HTML 1Page - Altera Corporation EPF10K70 Datasheet HTML 2Page - Altera Corporation EPF10K70 Datasheet HTML 3Page - Altera Corporation EPF10K70 Datasheet HTML 4Page - Altera Corporation EPF10K70 Datasheet HTML 5Page - Altera Corporation EPF10K70 Datasheet HTML 6Page - Altera Corporation EPF10K70 Datasheet HTML 7Page - Altera Corporation EPF10K70 Datasheet HTML 8Page - Altera Corporation EPF10K70 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 128 page
background image
Altera Corporation
3
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Flexible interconnect
–FastTrack® Interconnect continuous routing structure for fast,
predictable interconnect delays
Dedicated carry chain that implements arithmetic functions such
as fast adders, counters, and comparators (automatically used by
software tools and megafunctions)
Dedicated cascade chain that implements high-speed,
high-fan-in logic functions (automatically used by software tools
and megafunctions)
Tri-state emulation that implements internal tri-state buses
Up to six global clock signals and four global clear signals
Powerful I/O pins
Individual tri-state output enable control for each pin
Open-drain option on each I/O pin
Programmable output slew-rate control to reduce switching
noise
FLEX 10KA devices support hot-socketing
Peripheral register for fast setup and clock-to-output delay
Flexible package options
Available in a variety of packages with 84 to 600 pins (see
Tables 4 and 5)
Pin-compatibility with other FLEX 10K devices in the same
package
FineLine BGATM packages maximize board space efficiency
Software design support and automatic place-and-route provided by
Altera development systems for Windows-based PCs and Sun
SPARCstation, HP 9000 Series 700/800 workstations
Additional design entry and simulation support provided by EDIF
2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM),
DesignWare components, Verilog HDL, VHDL, and other interfaces
to popular EDA tools from manufacturers such as Cadence,
Exemplar Logic, Mentor Graphics, OrCAD, Synopsys, Synplicity,
VeriBest, and Viewlogic


Similar Part No. - EPF10K70

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K70 ALTERA-EPF10K70 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K70 ALTERA-EPF10K70 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K70 ALTERA-EPF10K70 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K70 ALTERA-EPF10K70 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K70 ALTERA-EPF10K70 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K70

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com