Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM3256A Datasheet(PDF) 6 Page - Altera Corporation

Part # EPM3256A
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM3256A Datasheet(HTML) 6 Page - Altera Corporation

Back Button EPM3256A Datasheet HTML 2Page - Altera Corporation EPM3256A Datasheet HTML 3Page - Altera Corporation EPM3256A Datasheet HTML 4Page - Altera Corporation EPM3256A Datasheet HTML 5Page - Altera Corporation EPM3256A Datasheet HTML 6Page - Altera Corporation EPM3256A Datasheet HTML 7Page - Altera Corporation EPM3256A Datasheet HTML 8Page - Altera Corporation EPM3256A Datasheet HTML 9Page - Altera Corporation EPM3256A Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
Altera Corporation
MAX 3000A Programmable Logic Device Family Data Sheet
Macrocells
MAX 3000A macrocells can be individually configured for either
sequential or combinatorial logic operation. Macrocells consist of three
functional blocks: logic array, product–term select matrix, and
programmable register. Figure 2 shows a MAX 3000A macrocell.
Figure 2. MAX 3000A Macrocell
Combinatorial logic is implemented in the logic array, which provides
five product terms per macrocell. The product–term select matrix
allocates these product terms for use as either primary logic inputs (to the
OR
and XOR gates) to implement combinatorial functions, or as secondary
inputs to the macrocell’s register preset, clock, and clock enable control
functions.
Two kinds of expander product terms (“expanders”) are available to
supplement macrocell logic resources:
Shareable expanders, which are inverted product terms that are fed
back into the logic array
Parallel expanders, which are product terms borrowed from adjacent
macrocells
The Altera development system automatically optimizes product–term
allocation according to the logic requirements of the design.
Product-
Term
Select
Matrix
36 Signals
from PIA
16 Expander
Product Terms
LAB Local Array
Parallel Logic
Expanders
(from other
macrocells)
Shared Logic
Expanders
Clear
Select
Global
Clear
Global
Clocks
Clock/
Enable
Select
2
PRN
CLRN
Q
ENA
Register
Bypass
To I/O
Control
Block
To PIA
Programmable
Register
VCC
D/T


Similar Part No. - EPM3256A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM3256A ALTERA-EPM3256A Datasheet
649Kb / 42P
   Programmable Logic Device Family
EPM3256A ALTERA-EPM3256A Datasheet
710Kb / 46P
   Programmable Logic Device Family
EPM3256A ALTERA-EPM3256A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM3256A ALTERA-EPM3256A Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3256A ALTERA-EPM3256A Datasheet
715Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM3256A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com