Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

835-IF75.0M-30C Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 835-IF75.0M-30C
Description  75.0MHz IF SAW Filter 29.1 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

835-IF75.0M-30C Datasheet(HTML) 1 Page - Oscilent Corporation

  835-IF75.0M-30C Datasheet HTML 1Page - Oscilent Corporation 835-IF75.0M-30C Datasheet HTML 2Page - Oscilent Corporation 835-IF75.0M-30C Datasheet HTML 3Page - Oscilent Corporation 835-IF75.0M-30C Datasheet HTML 4Page - Oscilent Corporation 835-IF75.0M-30C Datasheet HTML 5Page - Oscilent Corporation 835-IF75.0M-30C Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0522
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2011
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
835-IF75.0M-30C
75.0MHz IF SAW Filter 29.1 MHz Bandwidth
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Response
o
Smith Chart
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 835-IF75.0M-30C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF75.0M-15C OSCILENT-835-IF75.0M-15C Datasheet
180Kb / 6P
   75.0MHz IF SAW Filter 15.40MHz Bandwidth
835-IF75.0M-D OSCILENT-835-IF75.0M-D Datasheet
142Kb / 2P
   Base Station & Repeater
835-IF75.0M-E OSCILENT-835-IF75.0M-E Datasheet
142Kb / 2P
   Base Station & Repeater
835-IF75.0M-F OSCILENT-835-IF75.0M-F Datasheet
142Kb / 2P
   Base Station & Repeater
More results

Similar Description - 835-IF75.0M-30C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
809-SL75.0M-21C OSCILENT-809-SL75.0M-21C Datasheet
215Kb / 6P
   75.0MHz IF SAW Filter 21.60 MHz Bandwidth
821-IF75.0M-30B OSCILENT-821-IF75.0M-30B Datasheet
212Kb / 6P
   75.0MHz IF SAW Filter 30.10 MHz Bandwidth
809-SL75.0M-27B OSCILENT-809-SL75.0M-27B Datasheet
182Kb / 6P
   75.0MHz IF SAW Filter 25.0 MHz Bandwidth
813-IF75.0M-11B OSCILENT-813-IF75.0M-11B Datasheet
217Kb / 6P
   75.0MHz IF SAW Filter 11.90MHz Bandwidth
809-SL75.0M-05B OSCILENT-809-SL75.0M-05B Datasheet
210Kb / 6P
   75.0MHz IF SAW Filter 5.59MHz Bandwidth
813-SL75.0M-05A OSCILENT-813-SL75.0M-05A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 5.30MHz Bandwidth
813-SL75.0M-10A OSCILENT-813-SL75.0M-10A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 10.5MHz Bandwidth
813-SL75.0M-06A OSCILENT-813-SL75.0M-06A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 6.31MHz Bandwidth
809-SL75.0M-05C OSCILENT-809-SL75.0M-05C Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 5.42MHz Bandwidth
813-SL75.0M-28A OSCILENT-813-SL75.0M-28A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 28.17MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com