Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D220G20C0GH6.L2R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # D220G20C0GH6.L2R
Description  Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D220G20C0GH6.L2R Datasheet(HTML) 4 Page - Vishay Siliconix

  D220G20C0GH6.L2R Datasheet HTML 1Page - Vishay Siliconix D220G20C0GH6.L2R Datasheet HTML 2Page - Vishay Siliconix D220G20C0GH6.L2R Datasheet HTML 3Page - Vishay Siliconix D220G20C0GH6.L2R Datasheet HTML 4Page - Vishay Siliconix D220G20C0GH6.L2R Datasheet HTML 5Page - Vishay Siliconix D220G20C0GH6.L2R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 28512
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
37
D Series Narrow Tolerance
Ceramic Disc Capacitors
Class 1, 100 VDC, Narrow Tolerance
Vishay BCcomponents
Notes
(1) Cumulative pitch error: ±
≤ 1mm/20 pitches
(2) Obliquity maximum 3°
REEL AND TAPE DATA in millimeters
DIMENSION OF TAPE
SYMBOL
PARAMETER
DIMENSIONS (mm)
NOMINAL
TOLERANCE
D
Body diameter
11.0 maximum
-
d
Lead diameter
0.6
± 0.05
P
Pitch between capacitors
12.7
± 1.0
P0 (1)
Feed-hole pitch
12.7
± 0.3
ΔP
Plane deviation
1.0 maximum
-
P1 (2)
Feed-hole center to lead center
3.85
± 0.7
P2 (2)
Feed-hole center to component center
6.35
± 1.3
F
Lead spacing
5.0
0.6
- 0.4
Δh
Component alignment
0
± 1.0
W
Tape width
18.0
1.0
- 0.5
W0
Hold-down tape width
5.0 minimum
-
W1
Hole position
9.0
0.75
- 0.5
W2
Hold-down tape margin
3.0 maximum
-
H0
Height to seating plane
16.0
± 0.5
H1
Maximum component height
32.0
-
e
Lead end protrusion
1.0 maximum
-
L
Maximum length of snipped lead
11.0
-
D0
Feed-hole diameter
4.0
± 0.2
t
Total tape thickness
0.9 maximum
-
t1
Maximum thickness of tape and wires
1.5 maximum
-
45 max.
28 ± 1.5
355.6 ± 2.0
51 max.
8.0
Reel with capacitors on tape
290
335
50
Ammopack with capacitors on tape


Similar Part No. - D220G20C0GH6.L2R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D220G20C0GH6.L2R VISHAY-D220G20C0GH6.L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
More results

Similar Description - D220G20C0GH6.L2R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HV500V VISHAY-HV500V_1 Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
   Ceramic Disc Capacitors, Class 1
Revision: 31-Jan-06
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
01-Jan-2022
D15020U2JH6 VISHAY-D15020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D152K29Y5PL6TJ5R VISHAY-D152K29Y5PL6TJ5R Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com